Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5044 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF5044
Description  100 MHz to 30 GHz, Silicon, SP4T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5044 Datasheet(HTML) 2 Page - Analog Devices

  ADRF5044 Datasheet HTML 1Page - Analog Devices ADRF5044 Datasheet HTML 2Page - Analog Devices ADRF5044 Datasheet HTML 3Page - Analog Devices ADRF5044 Datasheet HTML 4Page - Analog Devices ADRF5044 Datasheet HTML 5Page - Analog Devices ADRF5044 Datasheet HTML 6Page - Analog Devices ADRF5044 Datasheet HTML 7Page - Analog Devices ADRF5044 Datasheet HTML 8Page - Analog Devices ADRF5044 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ADRF5044
Data Sheet
Rev. A | Page 2 of 14
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications ...................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications .................................................................................... 3
 
Absolute Maximum Ratings ........................................................... 5
 
Thermal Resistance ...................................................................... 5
 
Power Derating Curves ............................................................... 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions ............................ 6
 
Interface Schematics .................................................................... 6
 
Typical Performance Characteristics .............................................7
 
Insertion Loss, Return Loss, and Isolation ................................7
 
Input 0.1 dB, 1 dB Power Compression, and Third-Order
Intercept .........................................................................................9
 
Theory of Operation ...................................................................... 10
 
Applications Information ............................................................. 11
 
Evaluation Board........................................................................ 11
 
Probe Matrix Board ................................................................... 13
 
Outline Dimensions....................................................................... 14
 
Ordering Guide .......................................................................... 14
 
REVISION HISTORY
3/2020—Rev. 0 to Rev. A
Changes to Digital Control Inputs Parameter, Table 2 .............. 5
Added Endnote 1, Table 2; Renumbered Sequentially ............... 5
Changes to Theory of Operation Section.................................... 10
12/2017—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com