Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5034 Datasheet (PDF) - Nippon Precision Circuits Inc

CF5034 Datasheet PDF - Nippon Precision Circuits Inc
Part # CF5034
Download  CF5034 Download
File Size   78.67 Kbytes
Page   6 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 350MHz PECL-output Oscillator ICs

CF5034 Datasheet (PDF)

Go To PDF Page Download Datasheet
CF5034 Datasheet PDF - Nippon Precision Circuits Inc

Part # CF5034
Download  CF5034 Click to download

File Size   78.67 Kbytes
Page   6 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 350MHz PECL-output Oscillator ICs

CF5034 Datasheet (HTML) - Nippon Precision Circuits Inc


CF5034 Product details

OVERVIEW
The CF5034 series are differential LVPECL output oscillator ICs. They are made using a BiCMOS process which allows high-frequency oscillator circuits and differential LVPECL output circuits to be fabricated on a single chip. Two oscillator modes are supported—350MHz maximum fundamental oscillation mode, and 80MHz to 160MHz 3rd overtone oscillation mode.
The CF5034 series devices require only the connection of a crystal to realize a differential LVPECL output oscillator circuit.

FEATURES
■ 3.3 ± 0.3V operating supply voltage
■ Oscillator frequency range
    • 80MHz to 350MHz fundamental oscillation mode
    • 80MHz to 160MHz 3rd overtone oscillation mode
■ 40MHz to 350MHz output frequency range
■ Differential LVPECL output
■ fO (oscillator frequency) or fO/2 output frequency, determined by internal connection
■ 50 ± 5% output duty (measured at output crossing point)
■ Standby function: outputs are high impedance when OE is LOW.
■ Power-saving pull-up resistor built-in (pin OE)
■ Chip form (CF5034××)




Similar Part No. - CF5034

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5035 NPC-CF5035 Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
CF5035ALA NPC-CF5035ALA Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
CF5035ALA-1 NPC-CF5035ALA-1 Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
CF5035ALB NPC-CF5035ALB Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
CF5035ALB-1 NPC-CF5035ALB-1 Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
More results


Similar Description - CF5034

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-E93 GOLLEDGE-GXO-E93 Datasheet
65Kb / 1P
ECL/ PECL OSCILLATOR
logo
Nippon Precision Circui...
CF5036 NPC-CF5036 Datasheet
95Kb / 10P
2.5V LVPECL Output Oscillator ICs
CF5037 NPC-CF5037 Datasheet
94Kb / 10P
2.5V LVDS Output Oscillator ICs
logo
TAI-SAW TECHNOLOGY CO.,...
TW0283A TAI-SAW-TW0283A Datasheet
271Kb / 5P
7.0x5.0 XO 100 MHz PECL Output Oscillator
TW0284A TAI-SAW-TW0284A Datasheet
272Kb / 5P
7.0x5.0 XO 125 MHz PECL Output Oscillator
logo
Nippon Precision Circui...
5036 NPC-5036 Datasheet
113Kb / 11P
2.5V LV-PECL Output Oscillator ICs
5037 NPC-5037 Datasheet
113Kb / 11P
2.5V LVDS Output Oscillator ICs
5059H NPC-5059H Datasheet
558Kb / 11P
32kHz output Crystal Oscillator Module ICs
5087 NPC-5087 Datasheet
511Kb / 15P
LVDS Output Oscillator ICs
logo
Golledge Electronics Lt...
GXO-E72J GOLLEDGE-GXO-E72J Datasheet
607Kb / 5P
2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com