Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5035 Datasheet (PDF) - Nippon Precision Circuits Inc

CF5035 Datasheet PDF - Nippon Precision Circuits Inc
Part # CF5035
Download  CF5035 Download
File Size   81.99 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 1.8V, High-frequency Crystal Oscillator Module ICs

CF5035 Datasheet (PDF)

Go To PDF Page Download Datasheet
CF5035 Datasheet PDF - Nippon Precision Circuits Inc

Part # CF5035
Download  CF5035 Click to download

File Size   81.99 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 1.8V, High-frequency Crystal Oscillator Module ICs

CF5035 Datasheet (HTML) - Nippon Precision Circuits Inc


CF5035 Product details

OVERVIEW
The CF5035 series are 1.8V operation, high-frequency crystal oscillator module ICs. They support 70MHz to 165MHz (1.8V) and 70MHz to 220MHz (2.5 to 3.3V) 3rd overtone oscillation and fundamental oscillation modes. The crystal oscillator circuit is a Colpitts oscillator with the necessary oscillator capacitors and feedback resistor built-in. The oscillation characteristics feature little variation with supply voltage, providing stable oscillation over a wide supply voltage range. The output circuit comprises a CMOS buffer that can operate at high frequencies and drive a 15pF capacitance load. The devices are fabricated using a proprietary BiCMOS process with the oscillator circuit and output buffer on a single chip, making them ideal as SMD-type high-frequency crystal oscillators.

FEATURES
■ 1.6 to 3.6V operating supply voltage range
■ Oscillation frequency range (varies with version)
    1.6 to 3.6V: 70MHz to 165MHz
    2.25 to 3.6V: 70MHz to 220MHz
■ – 40 to 85°C operating temperature range
■ Oscillation capacitors built-in
■ Inverter amplifier feedback resistor built-in
■ Oscillation detector function built-in
■ Standby function
    • High impedance in standby mode, oscillator stops
■ Low standby current
    • Power-saving pull-up resistor built-in
■ CMOS output duty level
■ 15pF output load
■ 8mA output drive capability (VDD = 1.6V)
■ BiCMOS process
■ Chip form (CF5035AL×)

APPLICATIONS
■ 1.8V, high-frequency crystal oscillator modules




Similar Part No. - CF5035

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5034 NPC-CF5034 Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AA NPC-CF5034AA Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AA-1 NPC-CF5034AA-1 Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AB NPC-CF5034AB Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AB-1 NPC-CF5034AB-1 Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
More results


Similar Description - CF5035

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
CF5011 NPC-CF5011 Datasheet
90Kb / 7P
1.8V Crystal Oscillator Module ICs
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5016 NPC-CF5016 Datasheet
87Kb / 8P
1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5005B NPC-CF5005B Datasheet
78Kb / 7P
High-frequency Crystal Oscillator Module ICs
CF5019 NPC-CF5019 Datasheet
96Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com