Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5035 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF5035
Description  1.8V, High-frequency Crystal Oscillator Module ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5035 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF5035 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CF5035 series
SEIKO NPC CORPORATION —3
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
CL ≤ 15pF
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
Between VDD and VSS
−0.5 to +5.0
V
Input voltage range
VIN
Input pins
VSS − 0.5 to VDD + 0.5
V
Output voltage range
VOUT
Output pins
VSS − 0.5 to VDD + 0.5
V
Output current
IOUT
Q pin
25
mA
Storage temperature range
TSTG
Chip form
−65 to +150
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage
VDD
70MHz
≤ f ≤ 95MHz
5035ALA
1.6
–
3.6
V
95MHz
≤ f ≤ 125MHz
5035ALB
1.6
–
3.6
V
125MHz
≤ f ≤ 165MHz
5035ALC
1.6
–
3.6
V
165MHz
≤ f ≤ 220MHz
5035ALD
2.25
–
3.6
V
Input voltage
VIN
Input pins
VSS
–VDD
V
Operating temperature
TOPR
Chip temperature
−40
+25
+85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com