Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5035 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5035
Description  1.8V, High-frequency Crystal Oscillator Module ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5035 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5035 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5035 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CF5035 series
SEIKO NPC CORPORATION —1
1.8V, High-frequency Crystal Oscillator Module ICs
OVERVIEW
The CF5035 series are 1.8V operation, high-frequency crystal oscillator module ICs. They support 70MHz to
165MHz (1.8V) and 70MHz to 220MHz (2.5 to 3.3V) 3rd overtone oscillation and fundamental oscillation
modes. The crystal oscillator circuit is a Colpitts oscillator with the necessary oscillator capacitors and feed-
back resistor built-in. The oscillation characteristics feature little variation with supply voltage, providing sta-
ble oscillation over a wide supply voltage range. The output circuit comprises a CMOS buffer that can operate
at high frequencies and drive a 15pF capacitance load. The devices are fabricated using a proprietary BiCMOS
process with the oscillator circuit and output buffer on a single chip, making them ideal as SMD-type high-fre-
quency crystal oscillators.
FEATURES
I
1.6 to 3.6V operating supply voltage range
I
Oscillation frequency range (varies with version)
1.6 to 3.6V: 70MHz to 165MHz
2.25 to 3.6V: 70MHz to 220MHz
I
– 40 to 85
°C operating temperature range
I
Oscillation capacitors built-in
I
Inverter amplifier feedback resistor built-in
I
Oscillation detector function built-in
I
Standby function
• High impedance in standby mode, oscillator stops
I
Low standby current
• Power-saving pull-up resistor built-in
I
CMOS output duty level
I
15pF output load
I
8mA output drive capability (VDD = 1.6V)
I
BiCMOS process
I
Chip form (CF5035AL
×)
APPLICATIONS
I
1.8V, high-frequency crystal oscillator modules
SERIES CONFIGURATION
ORDERING INFORMATION
Version
Operating supply
voltage range [V]
Recommended operating
frequency range1 [MHz]
1. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentica-
tion. However, the oscillator frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal
characteristics and mounting conditions, so the oscillation characteristics of components must be carefully evaluated.
Built-in capacitance [pF]
CIN
COUT
CF5035ALA
1.6 to 3.6
70 to 95
4
4
CF5035ALB
95 to 125
4
4
CF5035ALC
125 to 165
2
2
CF5035ALD
2.25 to 3.6
165 to 220
1
1
Device
Package
CF5035AL
×–1
Chip form


Similar Part No. - CF5035

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5034 NPC-CF5034 Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AA NPC-CF5034AA Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AA-1 NPC-CF5034AA-1 Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AB NPC-CF5034AB Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
CF5034AB-1 NPC-CF5034AB-1 Datasheet
78Kb / 6P
350MHz PECL-output Oscillator ICs
More results

Similar Description - CF5035

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
CF5011 NPC-CF5011 Datasheet
90Kb / 7P
1.8V Crystal Oscillator Module ICs
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5016 NPC-CF5016 Datasheet
87Kb / 8P
1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5005B NPC-CF5005B Datasheet
78Kb / 7P
High-frequency Crystal Oscillator Module ICs
CF5019 NPC-CF5019 Datasheet
96Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com