Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5019 Datasheet (PDF) - Nippon Precision Circuits Inc

CF5019 Datasheet PDF - Nippon Precision Circuits Inc
Part # CF5019
Download  CF5019 Download
File Size   96.19 Kbytes
Page   12 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description High-Frequency, 3rd Overtone Crystal Oscillator Module ICs

CF5019 Datasheet (PDF)

Go To PDF Page Download Datasheet
CF5019 Datasheet PDF - Nippon Precision Circuits Inc

Part # CF5019
Download  CF5019 Click to download

File Size   96.19 Kbytes
Page   12 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description High-Frequency, 3rd Overtone Crystal Oscillator Module ICs

CF5019 Datasheet (HTML) - Nippon Precision Circuits Inc


CF5019 Product details

OVERVIEW
The CF5019 series are high-frequency, 3rd overtone crystal oscillator module ICs. They incorporate an oscillator circuit and an output buffer that operate at high frequency on a single chip. The oscillator circuit employs CMOS inverters and a built-in damping resistor RD, reducing the crystal current compared with existing devices. The damping resistor RD is fabricated using NPC’s unique high-precision thin-film resistor technology, which suppresses oscillator characteristic variations due to changes in temperature and voltage to a minimum. The CF5019 series can be utilized to construct stable, high-frequency, 3rd overtone crystal oscillators.

FEATURES
■ RD built-in to reduce crystal current in the oscillator circuit
■ 2.25 to 3.6V operating supply voltage range
■ Recommended operating frequency range (varies with version)
    • 2.5V operation: 60 to 155MHz
    • 3.0V operation: 60 to 170MHz
■ – 40 to 85°C operating temperature range
■ Oscillator capacitors with excellent frequency response built-in
■ Feedback resistors with good temperature characteristics built-in
■ Standby function
    • High impedance in standby mode, oscillator stops
■ Low standby current
    • Power-saving pull-up resistor built-in
■ Oscillation detector function
■ CMOS output duty level (1/2VDD)
■ 50 ± 5% output duty (at 1/2VDD)
■ 30pF output load (3.3V operation)
■ Molybdenum-gate CMOS process
■ Chip form (CF5019AL×)

APPLICATIONS
■ Crystal oscillator modules (3rd overtone oscillation)




Similar Part No. - CF5019

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
More results


Similar Description - CF5019

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
3rd Overtone Crystal Oscillator Module ICs
CF5005B NPC-CF5005B Datasheet
78Kb / 7P
High-frequency Crystal Oscillator Module ICs
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
2.5V 3rd Overtone Crystal Oscillator Module ICs
CF5035 NPC-CF5035 Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com