Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5018 Datasheet (PDF) - Nippon Precision Circuits Inc

CF5018 Datasheet PDF - Nippon Precision Circuits Inc
Part # CF5018
Download  CF5018 Download
File Size   85.29 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 2.5V 3rd Overtone Crystal Oscillator Module ICs

CF5018 Datasheet (PDF)

Go To PDF Page Download Datasheet
CF5018 Datasheet PDF - Nippon Precision Circuits Inc

Part # CF5018
Download  CF5018 Click to download

File Size   85.29 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 2.5V 3rd Overtone Crystal Oscillator Module ICs

CF5018 Datasheet (HTML) - Nippon Precision Circuits Inc


CF5018 Product details

OVERVIEW
The CF5018 series are crystal oscillator ICs that operate from 2.5V. Devices are available that provide 3rd overtone oscillation in the range 30MHz to 80MHz. They are optimized for 2.5V operation, resulting in stable oscillator startup characteristics and output duty stability. They feature a large reduction in chip surface area compared to existing devices, making possible the construction of small-sized crystal oscillator.

FEATURES
■ 2.25 to 2.75V operating supply voltage range
■ 30MHz to 80MHz oscillation frequency range (varies with version)
■ – 40 to 85°C operating temperature range
■ Oscillation capacitors CG, CD built-in
■ Inverter amplifier feedback resistor built-in
■ Standby function
    • High impedance in standby mode, oscillator stops
■ Low standby current
    • Power-saving pull-up resistor built-in
■ fO output frequency (oscillation frequency)
■ 8mA output drive capability (VDD = 2.25V)
■ CMOS output duty level (1/2VDD)
■ 50 ± 5% output duty (at 1/2VDD)
■ 30pF output load
■ Molybdenum-gate CMOS process
■ Chip form (CF5018AL×)




Similar Part No. - CF5018

ManufacturerPart #DatasheetDescription
logo
Cvilux Corporation
CF50181D0R0-10-NH CVILUX-CF50181D0R0-10-NH Datasheet
785Kb / 3P
1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
More results


Similar Description - CF5018

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
3rd Overtone Crystal Oscillator Module ICs
CF5015 NPC-CF5015 Datasheet
123Kb / 10P
2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5019 NPC-CF5019 Datasheet
96Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com