Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5017 Datasheet (PDF) - Nippon Precision Circuits Inc

CF5017 Datasheet PDF - Nippon Precision Circuits Inc
Part # CF5017
Download  CF5017 Download
File Size   90.47 Kbytes
Page   10 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 3rd Overtone Crystal Oscillator Module ICs

CF5017 Datasheet (PDF)

Go To PDF Page Download Datasheet
CF5017 Datasheet PDF - Nippon Precision Circuits Inc

Part # CF5017
Download  CF5017 Click to download

File Size   90.47 Kbytes
Page   10 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 3rd Overtone Crystal Oscillator Module ICs

CF5017 Datasheet (HTML) - Nippon Precision Circuits Inc


CF5017 Product details

OVERVIEW
The CF5017 series are 3rd overtone crystal oscillator ICs. Devices are available that provide 3rd overtone oscillation in the range 30MHz to 80MHz. The oscillator circuit is comprised of feedback resistors with good temperature characteristics and oscillation capacitors with excellent frequency response for stable 3rd overtone oscillation. Also, the chip layout is optimized, resulting in a large reduction in chip surface area compared to existing devices.

FEATURES
■ 2.7 to 5.5V operating supply voltage range
■ 30MHz to 80MHz oscillation frequency range (varies with version)
■ – 40 to 85°C operating temperature range
■ Oscillation capacitors built-in
    • CG = 8pF, CD = 15pF
■ Inverter amplifier feedback resistor built-in
■ Standby function
    • High impedance in standby mode, oscillator stops
■ Low standby current
    • Power-saving pull-up resistor built-in
■ fO output frequency (oscillation frequency)
■ Output drive capability
    • 8mA (VDD = 2.7V)
    • 16mA (VDD = 4.5V)
■ CMOS output duty level (1/2VDD)
■ 50 ± 5% output duty (at 1/2VDD)
■ 30pF output load
■ Molybdenum-gate CMOS process
■ Chip form (CF5017AL×)




Similar Part No. - CF5017

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
More results


Similar Description - CF5017

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
2.5V 3rd Overtone Crystal Oscillator Module ICs
CF5019 NPC-CF5019 Datasheet
96Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com