Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5017 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5017
Description  3rd Overtone Crystal Oscillator Module ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5017 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5017 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5017 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5017 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5017 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5017 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5017 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5017 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5017 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5017 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CF5017 series
SEIKO NPC CORPORATION —1
3rd Overtone Crystal Oscillator Module ICs
OVERVIEW
The CF5017 series are 3rd overtone crystal oscillator ICs. Devices are available that provide 3rd overtone
oscillation in the range 30MHz to 80MHz. The oscillator circuit is comprised of feedback resistors with good
temperature characteristics and oscillation capacitors with excellent frequency response for stable 3rd overtone
oscillation. Also, the chip layout is optimized, resulting in a large reduction in chip surface area compared to
existing devices.
FEATURES
I
2.7 to 5.5V operating supply voltage range
I
30MHz to 80MHz oscillation frequency range
(varies with version)
I
– 40 to 85
°C operating temperature range
I
Oscillation capacitors built-in
•CG = 8pF, CD = 15pF
I
Inverter amplifier feedback resistor built-in
I
Standby function
• High impedance in standby mode, oscillator stops
I
Low standby current
• Power-saving pull-up resistor built-in
I
fO output frequency (oscillation frequency)
I
Output drive capability
• 8mA (VDD = 2.7V)
• 16mA (VDD = 4.5V)
I
CMOS output duty level (1/2VDD)
I
50
± 5% output duty (at 1/2VDD)
I
30pF output load
I
Molybdenum-gate CMOS process
I
Chip form (CF5017AL
×)
SERIES CONFIGURATION
ORDERING INFORMATION
Version
Operating
supply voltage
range [V]
Recommended operating
frequency range1 [MHz]
1. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the
oscillator frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting condi-
tions, so the oscillation characteristics of components must be carefully evaluated.
gm ratio
Built-in capacitance [pF]
Rf
[k
Ω]
3V operation
5V operation
CG
CD
CF5017ALA
2.7 to 5.5
30 to 36
30 to 44
0.25
815
3.5
CF5017ALB
2.7 to 5.5
36 to 50
40 to 60
0.50
3.5
CF5017ALC
2.7 to 5.5
44 to 60
60 to 80
0.75
3.5
CF5017ALD
2.7 to 3.6
53 to 80
–
1.00
3.0
Device
Package
CF5017AL
×–2
Chip form


Similar Part No. - CF5017

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
More results

Similar Description - CF5017

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
2.5V 3rd Overtone Crystal Oscillator Module ICs
CF5019 NPC-CF5019 Datasheet
96Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com