Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5015 Datasheet (PDF) - Nippon Precision Circuits Inc

CF5015 Datasheet PDF - Nippon Precision Circuits Inc
Part # CF5015
Download  CF5015 Download
File Size   123.32 Kbytes
Page   10 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs

CF5015 Datasheet (PDF)

Go To PDF Page Download Datasheet
CF5015 Datasheet PDF - Nippon Precision Circuits Inc

Part # CF5015
Download  CF5015 Click to download

File Size   123.32 Kbytes
Page   10 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description 2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs

CF5015 Datasheet (HTML) - Nippon Precision Circuits Inc


CF5015 Product details

OVERVIEW
The CF5015 series are 2.5V operation crystal oscillator ICs. They are available for frequencies up to 60MHz. The product lineup consists of AL× series for 2.5V exclusive use and BL× series compliant with 2.5V to 5V. The built-in oscillator capacitor of AL× series is large, so that AL× series contribute to improve the frequency stability. For the BL× series, the current consumption and drive level reduced so that they can realize the characteristics easier to design small-sized crystal oscillators.

FEATURES
■ Operating supply voltage range
    • CF5015AL×: 2.25 to 2.75V
    • CF5015BL×: 2.25 to 5.5V
■ Up to 60MHz oscillation frequency range
■ – 40 to 85°C operating temperature range
■ Oscillation capacitors built-in
    • CF5015AL×: CG = 18pF, CD = 18pF
    • CF5015BL×: CG = 4pF, CD = 8pF
■ Inverter amplifier feedback resistor built-in
■ Standby function
    • High impedance in standby mode, oscillator stops
■ Low standby current
    • Power-saving pull-up resistor built-in
■ fO, fO/2, fO/4, fO/8, or fO/16 output frequency, determined by internal connection
■ CMOS output duty level (1/2VDD)
■ Molybdenum-gate CMOS process
■ Chip form (CF5015×L×)




Similar Part No. - CF5015

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
More results


Similar Description - CF5015

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
logo
New Japan Radio
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
1.5V Operation Fundamental Quartz Crystal Oscillator
logo
Nippon Precision Circui...
CF5016 NPC-CF5016 Datasheet
87Kb / 8P
1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5005B NPC-CF5005B Datasheet
78Kb / 7P
High-frequency Crystal Oscillator Module ICs
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
2.5V 3rd Overtone Crystal Oscillator Module ICs
CF5035 NPC-CF5035 Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
logo
New Japan Radio
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
0.9V Operation Fundamental Quartz Crystal Oscillator IC
logo
Nippon Precision Circui...
WF5028 NPC-WF5028 Datasheet
247Kb / 13P
0.8V operation Crystal Oscillator Module ICs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com