Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL185B Datasheet (PDF) - Analog Devices

ADXL185B Datasheet PDF - Analog Devices
Part # ADXL185B
Download  ADXL185B Download
File Size   93.15 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Single-Axis PSI5-Compatible Satellite Sensor

ADXL185B Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL185B Datasheet PDF - Analog Devices

Part # ADXL185B
Download  ADXL185B Click to download

File Size   93.15 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Single-Axis PSI5-Compatible Satellite Sensor

ADXL185B Datasheet (HTML) - Analog Devices




Similar Part No. - ADXL185B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL180 AD-ADXL180 Datasheet
865Kb / 56P
Configurable, High g, iMEMS Accelerometer
REV. 0
ADXL180WCPZ-RL1 AD-ADXL180WCPZ-RL1 Datasheet
865Kb / 56P
Configurable, High g, iMEMS Accelerometer
REV. 0
More results


Similar Description - ADXL185B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
PSI5 Inertial Sensor
MMA51XXKW FREESCALE-MMA51XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
logo
Analog Devices
ADXL151 AD-ADXL151 Datasheet
94Kb / 2P
Low Cost, Single Axis, PSI5-Compatible Satellite Sensor
ADXL152 AD-ADXL152 Datasheet
90Kb / 2P
Low Cost, Single-Axis, PSI5-Compatible Satellite Sensor
ADXL251 AD-ADXL251 Datasheet
103Kb / 2P
Dual-Axis, 60 g to 480 g Sensor with SPI and PSI5
logo
MEMSIC Semiconductor (T...
MMC5883MA MEMSIC-MMC5883MA Datasheet
441Kb / 15P
짹8Gauss, High Performance, Low Cost 3-axis Magnetic Sensor
Rev.C
logo
STMicroelectronics
AIS1200PS STMICROELECTRONICS-AIS1200PS Datasheet
1Mb / 21P
MEMS acceleration sensor: single-axis with PSI5 point-to-point interface
14-Dec-2015
logo
NXP Semiconductors
FXPS71407 NXP-FXPS71407 Datasheet
1Mb / 137P
DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 3.4 - 29 November 2023
FXPS71407S NXP-FXPS71407S Datasheet
1Mb / 137P
DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 1.4 - 29 November 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com