Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS1200PS Datasheet (PDF) - STMicroelectronics

AIS1200PS Datasheet PDF - STMicroelectronics
Part # AIS1200PS
Download  AIS1200PS Download
File Size   1068.45 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS acceleration sensor: single-axis with PSI5 point-to-point interface

AIS1200PS Datasheet (PDF)

Go To PDF Page Download Datasheet
AIS1200PS Datasheet PDF - STMicroelectronics

Part # AIS1200PS
Download  AIS1200PS Click to download

File Size   1068.45 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS acceleration sensor: single-axis with PSI5 point-to-point interface

AIS1200PS Datasheet (HTML) - STMicroelectronics


AIS1200PS Product details

Features
 5 V to 16 V single supply operation
 10-bit data output
 Embedded voltage regulator
 Embedded self-test
 Asynchronous 2 wire connectivity
 PSI5-A10P v1.3 compliant
 Error detection: single bit even parity
 Automotive AEC-Q100 qualified
 ECOPACK® compliant
 Extended temperature range: -40 °C to
+125 °C

Description
The AIS1200PS is a peripheral acceleration
sensor with a single-axis sensing element and an
IC interface able to provide acceleration
information to a master control unit through a
Manchester-coded protocol (125 kbps).
The sensing element, capable of detecting the
acceleration, is manufactured using a dedicated
process developed by ST to produce inertial
sensors and actuators in silicon.
The IC interface is manufactured using a BCD
process that allows a high level of integration. The
device is factory trimmed to better tune the
sensing element characteristics with the
acceleration information to be supplied.
The AIS1200PS has a full scale of 200 g. The
acquisition chain is made up of a C/V converter, a
full-differential charge amplifier, a 2nd order LPF
with a cutoff frequency of 175 Hz, and a second
charge amplifier to adapt the dynamic range to an
SAR A/D converter.
The differential capacitance of the sensor is
proportional to the proof mass displacement;
thus, by sensing the differential capacitance, the
position of the sensor is determined. Then, since
the mass position is known and the position is
related to the input acceleration, the input
acceleration can be easily deduced.
The device is available in a plastic SOIC package
with 150 mils reverse frame forming for EMC
enhancement and is specified over a temperature
range extending from -40 °C to +125 °C.

Applications
 Airbag systems
 Vibration, impact monitoring




Similar Part No. - AIS1200PS

ManufacturerPart #DatasheetDescription
logo
Advanced (Shenzhen) Ele...
AIS12C60 ADV-AIS12C60 Datasheet
268Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS12C60B ADV-AIS12C60B Datasheet
268Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS12C60S ADV-AIS12C60S Datasheet
268Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS12C60T ADV-AIS12C60T Datasheet
268Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS12C80 ADV-AIS12C80 Datasheet
268Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
More results


Similar Description - AIS1200PS

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC522 MICROSS-HMC522 Datasheet
881Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC523 MICROSS-HMC523 Datasheet
894Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
Point-to-Point and Point-to-Multi-Point Radio
HMC528 MICROSS-HMC528 Datasheet
882Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC362 AD-HMC362 Datasheet
310Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC442 AD-HMC442 Datasheet
371Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
Point-to-Point
ADXL185B AD-ADXL185B Datasheet
93Kb / 2P
Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com