Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS1200PS Datasheet(PDF) 1 Page - STMicroelectronics

Part # AIS1200PS
Description  MEMS acceleration sensor: single-axis with PSI5 point-to-point interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS1200PS Datasheet(HTML) 1 Page - STMicroelectronics

  AIS1200PS Datasheet HTML 1Page - STMicroelectronics AIS1200PS Datasheet HTML 2Page - STMicroelectronics AIS1200PS Datasheet HTML 3Page - STMicroelectronics AIS1200PS Datasheet HTML 4Page - STMicroelectronics AIS1200PS Datasheet HTML 5Page - STMicroelectronics AIS1200PS Datasheet HTML 6Page - STMicroelectronics AIS1200PS Datasheet HTML 7Page - STMicroelectronics AIS1200PS Datasheet HTML 8Page - STMicroelectronics AIS1200PS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
December 2015
DocID024648 Rev 4
1/21
21
AIS1200PS
MEMS acceleration sensor:
single-axis with PSI5 point-to-point interface
Datasheet
- production data
Features
 5 V to 16 V single supply operation
 10-bit data output
 Embedded voltage regulator
 Embedded self-test
 Asynchronous 2 wire connectivity
 PSI5-A10P v1.3 compliant
 Error detection: single bit even parity
 Automotive AEC-Q100 qualified
 ECOPACK® compliant
 Extended temperature range: -40 °C to
+125 °C
Applications
 Airbag systems
 Vibration, impact monitoring
Description
The AIS1200PS is a peripheral acceleration
sensor with a single-axis sensing element and an
IC interface able to provide acceleration
information to a master control unit through a
Manchester-coded protocol (125 kbps).
The sensing element, capable of detecting the
acceleration, is manufactured using a dedicated
process developed by ST to produce inertial
sensors and actuators in silicon.
The IC interface is manufactured using a BCD
process that allows a high level of integration. The
device is factory trimmed to better tune the
sensing element characteristics with the
acceleration information to be supplied.
The AIS1200PS has a full scale of
200 g. The
acquisition chain is made up of a C/V converter, a
full-differential charge amplifier, a 2nd order LPF
with a cutoff frequency of 175 Hz, and a second
charge amplifier to adapt the dynamic range to an
SAR A/D converter.
The differential capacitance of the sensor is
proportional to the proof mass displacement;
thus, by sensing the differential capacitance, the
position of the sensor is determined. Then, since
the mass position is known and the position is
related to the input acceleration, the input
acceleration can be easily deduced.
The device is available in a plastic SOIC package
with 150 mils reverse frame forming for EMC
enhancement and is specified over a temperature
range extending from -40 °C to +125 °C.
Table 1. Device summary
Order code
g-range
Operating temperature
range [
C]
Package
Packing
AIS1200PSTR
200 g
-40 to +125
SOIC 16N
Tape and reel
www.st.com


Similar Part No. - AIS1200PS

ManufacturerPart #DatasheetDescription
logo
Advanced (Shenzhen) Ele...
AIS12C60 ADV-AIS12C60 Datasheet
268Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS12C60B ADV-AIS12C60B Datasheet
268Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS12C60S ADV-AIS12C60S Datasheet
268Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS12C60T ADV-AIS12C60T Datasheet
268Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS12C80 ADV-AIS12C80 Datasheet
268Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
More results

Similar Description - AIS1200PS

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC522 MICROSS-HMC522 Datasheet
881Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC523 MICROSS-HMC523 Datasheet
894Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
Point-to-Point and Point-to-Multi-Point Radio
HMC528 MICROSS-HMC528 Datasheet
882Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC362 AD-HMC362 Datasheet
310Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC442 AD-HMC442 Datasheet
371Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
Point-to-Point
ADXL185B AD-ADXL185B Datasheet
93Kb / 2P
Low Cost, Single-Axis PSI5-Compatible Satellite Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com