Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS1200PS Datasheet(PDF) 13 Page - STMicroelectronics

Part # AIS1200PS
Description  MEMS acceleration sensor: single-axis with PSI5 point-to-point interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS1200PS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AIS1200PS Datasheet HTML 9Page - STMicroelectronics AIS1200PS Datasheet HTML 10Page - STMicroelectronics AIS1200PS Datasheet HTML 11Page - STMicroelectronics AIS1200PS Datasheet HTML 12Page - STMicroelectronics AIS1200PS Datasheet HTML 13Page - STMicroelectronics AIS1200PS Datasheet HTML 14Page - STMicroelectronics AIS1200PS Datasheet HTML 15Page - STMicroelectronics AIS1200PS Datasheet HTML 16Page - STMicroelectronics AIS1200PS Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DocID024648 Rev 4
13/21
AIS1200PS
Mechanical and electrical specifications
2.4.4
Initialization
After each power-on or undervoltage reset, the sensor performs an internal initialization
which is divided into three phases.
Figure 6. Initialization of the sensor
ID blocks and data blocks are sent in an alternating sequence, 3 times each. The block
identifiers are used for numbering of the following data nibbles. After any power-on or
undervoltage reset, the internal logic starts up with an initialization program.
During the first initialization phase, no data is transmitted and the ECU can perform a
connectivity test.
During the second initialization phase, the sensor transmits sensor and application-specific
information to the ECU. During the third initialization phase, the sensor transmits “Sensor
Ready”, “Sensor Defect” or other optional status data. If the sensor is defective, it will
continue to send the “sensor defect” messages and other optional status data until it is
powered off. The sensor status information must consist of data words out of data range 2
and 3. Usage of sensor output signal data words out of data range 1 is not allowed during
initialization phases II and III.
If the initialization is finished successfully, the sensor goes into run mode and starts
transmitting sensor signal data or optional status data until it is switched off or an internal
error is detected.
In the AIS1200PS, phase 1 has a typical duration of 121 ms, and phase 2 of 43 ms. Phase
3 duration may vary, depending on the number of iterations needed to pass the self-test
routine.
If the self-test fails, the self-test routine is repeated until it passes, up to 5 times. If the self-
test does not pass after 5 attempts, it will transmit a message of sensor failure.
After phase 3 is passed successfully, the sensor goes into run mode and starts transmitting
sensor signal data.
The actual duration of all phases depends on the oscillator period, which has a tolerance of
±5% (see Table 5).
For the AIS1200PS device, k = 3
121ms
448
s
43ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com