Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS1200PS Datasheet(PDF) 16 Page - STMicroelectronics

Part # AIS1200PS
Description  MEMS acceleration sensor: single-axis with PSI5 point-to-point interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS1200PS Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AIS1200PS Datasheet HTML 12Page - STMicroelectronics AIS1200PS Datasheet HTML 13Page - STMicroelectronics AIS1200PS Datasheet HTML 14Page - STMicroelectronics AIS1200PS Datasheet HTML 15Page - STMicroelectronics AIS1200PS Datasheet HTML 16Page - STMicroelectronics AIS1200PS Datasheet HTML 17Page - STMicroelectronics AIS1200PS Datasheet HTML 18Page - STMicroelectronics AIS1200PS Datasheet HTML 19Page - STMicroelectronics AIS1200PS Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Mechanical and electrical specifications
AIS1200PS
16/21
DocID024648 Rev 4
In normal operation mode, the sensor transmits sensor output data in data range 1. A
special “diagnostic mode” is foreseen for testing and failure analysis. In the diagnostic
mode, the sensor may send other than the specified sensor output data in data range 1. The
condition for entering the diagnostic mode is the recognition of a valid “XLong” data frame
during initialization phase II. The sensor indicates the diagnostic mode by sending the
“Sensor in diagnostic mode” identifier during initialization phase III, see Section 2.4.3.
2.5
Absolute maximum ratings
Stresses above those listed as absolute maximum ratings may cause permanent damage to
the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
This device is sensitive to mechanical shock, improper handling can cause
permanent damage to the part
This device is sensitive to electrostatic discharge (ESD), improper handling can
cause permanent damage to the part
2.6
Factory calibration
The IC interface is factory calibrated for sensitivity (So) and Zero-g level (Off).
The trimming values are stored inside the device in a non-volatile structure. Any time the
device is turned on, the trimming parameters are downloaded into the registers to be
employed during normal operation. This allows the user to employ the device without further
calibration.
Table 8. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VBUS
Supply voltage(1)
1. Voltage referred to RTN.
-0.3 to 16
V
IMAX
BUSIN input current
1.7
A
AMAX
Max acceleration before mechanical stops
±3500 to ±4000
g
AUNP
Mechanical shock with device unpowered
2000
g
hDROP
Drop shock survivability
1.2
m
ESD
ESD protection HBM (low-voltage pins)
2
kV
ESD protection HBM (high-voltage pins)
4
kV
CDM (corner pins)
750
V
CDM (inside pins)
500
V
MM
100
V
TSTG
Storage temperature range
-40 to 125
°C
Tj
Junction temperature range
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com