Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS1200PS Datasheet(PDF) 8 Page - STMicroelectronics

Part # AIS1200PS
Description  MEMS acceleration sensor: single-axis with PSI5 point-to-point interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS1200PS Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AIS1200PS Datasheet HTML 4Page - STMicroelectronics AIS1200PS Datasheet HTML 5Page - STMicroelectronics AIS1200PS Datasheet HTML 6Page - STMicroelectronics AIS1200PS Datasheet HTML 7Page - STMicroelectronics AIS1200PS Datasheet HTML 8Page - STMicroelectronics AIS1200PS Datasheet HTML 9Page - STMicroelectronics AIS1200PS Datasheet HTML 10Page - STMicroelectronics AIS1200PS Datasheet HTML 11Page - STMicroelectronics AIS1200PS Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Mechanical and electrical specifications
AIS1200PS
8/21
DocID024648 Rev 4
Figure 3. Power-on-Reset (POR) operation(b)
IS
Delta sink current
22
26
30
mA
tr, tf
Current rise and fall times
20%...80% of
IS
0.33
1
s
Vregout
VREG output voltage
Creg = 1.0 F, ceramic
3.1
3.3
3.5
V
HVTH
BUSIN reset threshold(3)
Rise
4.30
4.60
4.96
V
Fall
4.30
4.60
4.90
V
LVTH
REGOUT reset threshold(4)
Rise
2.65
2.85
3.05
V
Fall
2.62
2.85
3.05
V
DELTAdef Deflection (self-test - offset)
T = 25°C(4)
52
61
72
LSb
TL  TA  TH
52
61
154
LSb
N
Noise
Max deviation from mean
-4
+4
LSb
Top
Operating temperature range
-40
+125
°C
1. Over life and temperature.
2. Verified by characterization, not tested in production.
3. See Figure 3.
4. Without aging or stressing.
b. Whenever BUSIN falls below HVTH or VREG falls below LVTH, the device will go into reset.
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com