Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC648 Datasheet (PDF) - Vishay Siliconix

SIC648 Datasheet PDF - Vishay Siliconix
Part # SIC648
Download  SIC648 Download
File Size   126.09 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 60 A VRPower® Smart Power Stage (SPS) Module With Integrated High Accuracy Current and Temperature Monitors

SIC648 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC648 Datasheet PDF - Vishay Siliconix

Part # SIC648
Download  SIC648 Click to download

File Size   126.09 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 60 A VRPower® Smart Power Stage (SPS) Module With Integrated High Accuracy Current and Temperature Monitors

SIC648 Datasheet (HTML) - Vishay Siliconix


SIC648 Product details

• Input range: 4.5 V to 18 V
• Supports 60 A DC current
• Compatible with 3.3 V (SiC648A) and 5 V
(SiC648) tri-state PWM
• Down slope current sensing
• ± 3 % accuracy current monitor (IMON) with REFIN input
• 8 mV/°C temperature monitor with OT flag
• Dedicated low side FET control input
• Fault protection
- High side FET short and over-current protection
- Over-temperature protection
- VCC and VIN under voltage lockout (UVLO)
• Open drain fault reporting output
• Up to 2 MHz switching frequency




Similar Part No. - SIC648

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC641 VISHAY-SIC641 Datasheet
278Kb / 16P
55 A VRPower® Integrated Power Stage
21-Oct-2019
SIC641A VISHAY-SIC641A Datasheet
278Kb / 16P
55 A VRPower® Integrated Power Stage
21-Oct-2019
SIC641ACD-T1-GE3 VISHAY-SIC641ACD-T1-GE3 Datasheet
278Kb / 16P
55 A VRPower® Integrated Power Stage
21-Oct-2019
SIC641ADB VISHAY-SIC641ADB Datasheet
278Kb / 16P
55 A VRPower® Integrated Power Stage
21-Oct-2019
SIC641CD-T1-GE3 VISHAY-SIC641CD-T1-GE3 Datasheet
278Kb / 16P
55 A VRPower® Integrated Power Stage
21-Oct-2019
More results


Similar Description - SIC648

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF5820DCCT-ND FAIRCHILD-FDMF5820DCCT-ND Datasheet
1Mb / 25P
FDMF5820DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
logo
Vishay Siliconix
SIC645 VISHAY-SIC645 Datasheet
400Kb / 18P
60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
31-Oct-16
logo
Intersil Corporation
ISL99227 INTERSIL-ISL99227 Datasheet
478Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
October 27, 2016
logo
Vishay Siliconix
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
60 A VRPower Integrated Power Stage
03-Nov-14
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
60 A VRPower® Integrated Power Stage
08-Dec-14
logo
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
logo
Renesas Technology Corp
ISL99227 RENESAS-ISL99227 Datasheet
886Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
logo
Vishay Siliconix
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
60 A VRPower® Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
29-Jun-2020
logo
ON Semiconductor
FDMF5062 ONSEMI-FDMF5062 Datasheet
42Kb / 1P
Smart Power Stage (SPS) Modules with Integrated Current and Temperature Monitors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com