Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32475 Datasheet (PDF) - Vishay Siliconix

SIP32475 Datasheet PDF - Vishay Siliconix
Part # SIP32475
Download  SIP32475 Download
File Size   2004.41 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4

SIP32475 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32475 Datasheet PDF - Vishay Siliconix

Part # SIP32475
Download  SIP32475 Click to download

File Size   2004.41 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4

SIP32475 Datasheet (HTML) - Vishay Siliconix


SIP32475 Product details

• 1.2 V to 5.5 V input voltage range
• 47 mΩ typical on-resistance
• 3 μA quiescent current
• 2 A maximum continuous switch current
• Slew rate controlled turn on: 160 μs
• Guaranteed 1 V logic high over the input voltage range
• Reverse current blocking when the switch is off or VIN is
ground
• Integrated output discharge switch
• ESD performance per JESD 22: 4 kV HBM
• Compact μDFN-4L package with 0.3 mm thickness




Similar Part No. - SIP32475

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32475 VISHAY-SIP32475 Datasheet
1Mb / 13P
47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
06-Jul-2020
SIP32475DN-T1-GE4 VISHAY-SIP32475DN-T1-GE4 Datasheet
1Mb / 13P
47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
06-Jul-2020
SIP32475 VISHAY-SIP32475_V01 Datasheet
1Mb / 13P
47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
06-Jul-2020
More results


Similar Description - SIP32475

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1900 YOBON-YB1900 Datasheet
436Kb / 8P
Ultra Low Quiescent Current Smart Load Switch
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
Ultra Low Quiescent Current Smart Load Switch
logo
YOBON TECHNOLOGIES,INC.
YB1900C YOBON-YB1900C Datasheet
352Kb / 9P
Ultra Low Quiescent Current Smart Load Switch
logo
Vishay Siliconix
SIP32510 VISHAY-SIP32510 Datasheet
517Kb / 12P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
08-Jul-13
SIP32401A VISHAY-SIP32401A Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32408 VISHAY-SIP32408 Datasheet
252Kb / 14P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-May-13
SIP32475 VISHAY-SIP32475_V01 Datasheet
1Mb / 13P
47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
06-Jul-2020
SIP32510 VISHAY-SIP32510_V01 Datasheet
798Kb / 14P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
logo
Texas Instruments
TPS22950 TI-TPS22950_V03 Datasheet
1Mb / 28P
TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com