Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32401A Datasheet (PDF) - Vishay Siliconix

SIP32401A Datasheet PDF - Vishay Siliconix
Part # SIP32401A
Download  SIP32401A Download
File Size   217.12 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.1 V to 5.5 V, Slew Rate Controlled Load Switch

SIP32401A Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32401A Datasheet PDF - Vishay Siliconix

Part # SIP32401A
Download  SIP32401A Click to download

File Size   217.12 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.1 V to 5.5 V, Slew Rate Controlled Load Switch

SIP32401A Datasheet (HTML) - Vishay Siliconix




Similar Part No. - SIP32401A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32401A VISHAY-SIP32401A Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32401ADNP-T1GE4 VISHAY-SIP32401ADNP-T1GE4 Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32401A VISHAY-SIP32401A_V01 Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
More results


Similar Description - SIP32401A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
logo
Vishay Siliconix
SIP32510 VISHAY-SIP32510 Datasheet
517Kb / 12P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
08-Jul-13
SIP32408 VISHAY-SIP32408 Datasheet
252Kb / 14P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-May-13
SIP32508 VISHAY-SIP32508 Datasheet
225Kb / 10P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
29-Feb-16
SIP32508 VISHAY-SIP32508_V01 Datasheet
274Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
SIP32510 VISHAY-SIP32510_V01 Datasheet
798Kb / 14P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
SIP32401A VISHAY-SIP32401A_V01 Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32408 VISHAY-SIP32408_V01 Datasheet
291Kb / 15P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-Jul-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com