Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF4000 Datasheet (PDF) - International Rectifier

IRF4000 Datasheet PDF - International Rectifier
Part # IRF4000
Download  IRF4000 Download
File Size   573.95 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IEEE 802.3af Compliant PoE Switch in Power Sourcing Equipment

IRF4000 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF4000 Datasheet PDF - International Rectifier

Part # IRF4000
Download  IRF4000 Click to download

File Size   573.95 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description IEEE 802.3af Compliant PoE Switch in Power Sourcing Equipment

IRF4000 Datasheet (HTML) - International Rectifier


IRF4000 Product details

Features
• Exceeds IEEE 802.3af PoE requirements
• Rugged planar technology with large SOA
• Very Low Leakage at 100V (1.5µA max)
• Fully characterized avalanche voltage and current
• Thermally enhanced
• Saves space: replaces 4 discrete MOSFETs

Applications
• IEEE 802.3af Compliant PoE Switch in Power Sourcing Equipment




Similar Part No. - IRF4000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRF400 ETC-IRF400 Datasheet
84Kb / 2P
50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED
More results


Similar Description - IRF4000

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2358YLQ MICREL-MIC2358YLQ Datasheet
424Kb / 29P
IEEE 802.3af Octal Power Sourcing Equipment Controller
MIC2358 MICREL-MIC2358_11 Datasheet
424Kb / 29P
IEEE 802.3af Octal Power Sourcing Equipment Controller
MIC2358 MICREL-MIC2358 Datasheet
424Kb / 29P
IEEE 802.3af Octal Power Sourcing Equipment Controller
logo
Infineon Technologies A...
IRFHM3911TRPBF INFINEON-IRFHM3911TRPBF Datasheet
583Kb / 10P
POE Power Sourcing Equipment Switch
2016-2-23
logo
Monolithic Power System...
MEZS84801A MPS-MEZS84801A Datasheet
423Kb / 3P
48V, 12W, PoE Power Supply, IEEE 802.3af Compliant
logo
Silver Telecom 2019
AG6100 SILVERTEL-AG6100 Datasheet
571Kb / 13P
POE Power-Sourcing-Equipment Module
AG6110 SILVERTEL-AG6110 Datasheet
530Kb / 15P
Ultra POE Power-Sourcing-Equipment Module
AG6400 SILVERTEL-AG6400 Datasheet
769Kb / 40P
POE Power-Sourcing-Equipment Module
logo
Infineon Technologies A...
IRFHM3911PBF INFINEON-IRFHM3911PBF Datasheet
583Kb / 10P
POE Power Sourcing Equipment Switch
2016-2-23
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com