Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8020 Datasheet (PDF) - MPS Industries, Inc.

MP8020 Datasheet PDF - MPS Industries, Inc.
Part # MP8020
Download  MP8020 Download
File Size   2405.45 Kbytes
Page   27 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface

MP8020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8020 Datasheet PDF - MPS Industries, Inc.

Part # MP8020
Download  MP8020 Click to download

File Size   2405.45 Kbytes
Page   27 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface

MP8020 Datasheet (HTML) - MPS Industries, Inc.


MP8020 Product details

DESCRIPTION
The MP8020 is an IEEE 802.3af/at/btcompliant,
Power over Ethernet (PoE), powered
device (PD). The device supports all the
functions of IEEE 802.3af/at/bt, including
detection, 5-event classification, input current
(IIN) control, and an internal 100V hot-swap
MOSFET.
The MP8020 provides configurable inrush
current limiting during start-up and operation
current limiting when the internal MOSFET is
fully turned on. The GATE1 driver supports the
use of an external low on resistance (RDS(ON))
MOSFET for high-power design. A high power
good (PG) signal enables the use of a
downstream DC/DC converter. The MP8020
also provides automatic maintain power
signature functionality under light loads.
An auxiliary power input detector (AUX) and
GATE2 driver provide a smooth power switch
from the power-sourcing equipment (PSE) to an
auxiliary wall adapter with low power loss. The
MP8020 also features a built-in detection
resistor, thermal protection, and a wide input
under-voltage lockout (UVLO) hysteresis.
The MP8020 is available in a QFN-18
(3mmx5mm) package.

FEATURES
 Compliant with 802.3af/at/bt Specifications
 Internal Detection Resistor
 Supports Up to 71.3W Powered Device
(PD) Operation
 Internal Hot-Swap MOSFET for ≤51W
Design
 External MOSFET with GATE1 for >51W
Design
 Auxiliary Power Supply from >8.8V Adapter
 GATE2 N-Channel MOSFET Driver for
Adapter Supply
 Configurable Current Limit
 Automatic Maintain Power Signature
 PG and Allocated Power Type Indicators
 150°C Over-Temperature Protection (OTP)
 Available in a QFN-18 (3mmx5mm)
Package

APPLICATIONS
 IEEE 802.3 af/at/bt-Compliant Devices
 Security Cameras
 Video and VoIP Phones
 WLAN Access Points
 Internet of Things (IoT) Devices
 Pico Base Stations




Similar Part No. - MP8020

ManufacturerPart #DatasheetDescription
logo
Dc Components
MP802 DCCOM-MP802 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP802 GOOD-ARK-MP802 Datasheet
97Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP802 CHENG-YI-MP802 Datasheet
125Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Formosa MS
MP802 FORMOSA-MP802 Datasheet
112Kb / 6P
Bridge Rectifier
logo
GOOD-ARK Electronics
MP802G GOOD-ARK-MP802G Datasheet
92Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Similar Description - MP8020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
logo
Maxim Integrated Produc...
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
MAX5982A MAXIM-MAX5982A Datasheet
1Mb / 17P
IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 0; 6/11
logo
Texas Instruments
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
IEEE 802.3af/at, PoE, Powered Device, Interface Controller
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5995BEVKIT MAXIM-MAX5995BEVKIT Datasheet
867Kb / 17P
IEEE 802.3af/at/bt-Compliant PD Interface Circuit
Rev 0; 11/18
MAX5996AEVKIT MAXIM-MAX5996AEVKIT Datasheet
1Mb / 22P
IEEE 802.3af/at/bt-Compliant PD Interface Circuit
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com