Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8020 Datasheet(PDF) 6 Page - MPS Industries, Inc.

Part # MP8020
Description  IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8020 Datasheet(HTML) 6 Page - MPS Industries, Inc.

Back Button MP8020 Datasheet HTML 2Page - MPS Industries, Inc. MP8020 Datasheet HTML 3Page - MPS Industries, Inc. MP8020 Datasheet HTML 4Page - MPS Industries, Inc. MP8020 Datasheet HTML 5Page - MPS Industries, Inc. MP8020 Datasheet HTML 6Page - MPS Industries, Inc. MP8020 Datasheet HTML 7Page - MPS Industries, Inc. MP8020 Datasheet HTML 8Page - MPS Industries, Inc. MP8020 Datasheet HTML 9Page - MPS Industries, Inc. MP8020 Datasheet HTML 10Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
MP8020 – IEEE 802.3af/at/bt, PoE, POWERED DEVICE INTERFACE
MP8020 Rev. 1.0
MonolithicPower.com
6
2/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VDD = 54V, TJ = -40°C to +125°C (6), typical values are tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Under-Voltage Lockout (UVLO)
VDD turn-on threshold
VDD_R
VDD rising
37
38.5
40
V
VDD turn-off threshold
VDD_F
VDD falling
30
31.5
33
V
VDD UVLO hysteresis
VDD_HYS
5
7
V
IC supply current during
operation
IIN
No load and no R_MPS resistor
1
1.5
mA
Input leakage current
VDD = 29.5V
150
250
μA
Hot-Swap MOSFET and Current Limit
Internal MOSFET on
resistance
RDS(ON)
ISRC = 500mA
0.35
Ω
Leakage current
ISRC-LK
VDD = 57V, VSRC = 0V,
AUX = high, PRI = high
1
15
μA
ILIM detection period
270
μs
ILIM detection current
130
165
180
μA
ILIM voltage threshold
0.9A setting voltage range
0.8
V
1.6A setting voltage range1
2.2
V
Internal MOSFET current
limit
ILIMIT
VSRC drops from VDD, VDD -VSRC = 1V
ILIM = 0V
0.75
0.9
1.05
A
Connect ILIM to GND via a
7.15kΩ resistor
1.4
1.6
1.8
A
Internal MOSFET inrush
limit
IINRUSH
VSRC ramps up from low to high, VDD -VSRC = 1V
ILIM = 0V
70
130
190
mA
Connect ILIM to GND via a
7.15kΩ resistor
170
230
290
mA
Inrush current termination
ITERM
VSRC rising, ITERM / IINRUSH
75%
IINRUSH
Inrush to operation mode
delay
tDELAY
80
90
100
ms
Current foldback threshold
VSRC falling, VDD -VSRC
8.2
10
11.8
V
Foldback deglitch time (7)
VSRC falling to inrush current
foldback
1
ms
GATE1 source current
VGATE1 -VSRC = 4V
10
μA
GATE1 sink current
VGATE1 -VSRC = 4V
30
μA
GATE1 max driving voltage
6
V
External MOSFET current
limit
VDD - VSENSE
22
26
30
mV
SENSE leakage current
VSENSE = VDD = 54V
0.1
μA
PG, BT, TYP1, TYP2
Output low voltage
ISINK = 1mA
0.2
0.4
V
Leakage current
Logic = high, connect to 57V
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com