Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8020 Datasheet(PDF) 20 Page - MPS Industries, Inc.

Part # MP8020
Description  IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8020 Datasheet(HTML) 20 Page - MPS Industries, Inc.

Back Button MP8020 Datasheet HTML 16Page - MPS Industries, Inc. MP8020 Datasheet HTML 17Page - MPS Industries, Inc. MP8020 Datasheet HTML 18Page - MPS Industries, Inc. MP8020 Datasheet HTML 19Page - MPS Industries, Inc. MP8020 Datasheet HTML 20Page - MPS Industries, Inc. MP8020 Datasheet HTML 21Page - MPS Industries, Inc. MP8020 Datasheet HTML 22Page - MPS Industries, Inc. MP8020 Datasheet HTML 23Page - MPS Industries, Inc. MP8020 Datasheet HTML 24Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
MP8020 – IEEE 802.3af/at/bt, PoE, POWERED DEVICE INTERFACE
MP8020 Rev. 1.0
MonolithicPower.com
20
2/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
When PRI is high, pull AUX high to disable the
DET, CLS, and maintain power signature
functions. When PRI is low, pulling AUX high
cannot disable DET, CLS, and maintain power
signature functions.
If an adapter is available, the PG signal is
pulled high under all conditions. If the adapter
has a higher priority and replaces the PSE
power supply, then BT, TYP1, and TYP2 are
updated once the AUX and ADP_UV signals
are working. If the PSE has a higher priority and
replaces the adapter supply, then the MP8020
changes the BT, TYP1, and TYP2 statuses to
Hi-Z once PSE UVLO occurs. The statuses
change to indicate the PSE power type after
inrush is complete and the 90ms delay has
finished.
Power Priority
The adapter is available when both AUX and
VADP exceed the threshold. The MP8020 can
source a current from the adapter or PSE if
both the adapter and PSE are connected. This
is determined by the PRI and AUX pin settings.
The PRI pin is internally pulled up to the internal
VCC. If the PRI pin is floating (the adapter has
higher priority) and VADP/AUX exceed their
thresholds, the MP8020 disables the PSE
power supply, and enables the adapter power
source. If AUX is below its falling threshold,
then the PSE supplies power to the output even
when PRI is floating.
If the PRI pin is connected to GND, the PSE
has the higher priority. Regardless of the AUX
signal, the PSE outputs power unless VDD is
below UVLO.
If the PSE has a higher priority and the adapter
is connected before PSE plug-in, a reverse
blocking MOSFET must be added to reverse
block the power from the adapter during PoE
detection and classification (see Figure 4). At
the same time, the output downstream DC/DC
converter should lower the power rating so that
the inrush current charges the MP8020’s output
capacitor (COUT) quickly. If COUT is not charged
quickly, then the current limit is triggered and
the device fails to start up.
From
PSE
MP8020
GATE1
SRC
GATE2
From
Adapter
VADP
VDD
VOUT
AUX
CLSB
CLSA
TYP1
PG
TYP2
SENSE
ILIM
DUTY
R_MPS
GND
Q2
Q1
Q3
R6
R7
R1
R2
R5
PRI
R8
R3
R4
COUT
Figure 4: Reverse Block Solution
Thermal Protection
Thermal shutdown prevents the IC from
operating at exceedingly high temperatures. If
the die temperature exceeds 150°C, the IC
shuts down. Once the die temperature drops to
20°C, the device resumes normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com