Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8020 Datasheet(PDF) 19 Page - MPS Industries, Inc.

Part # MP8020
Description  IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8020 Datasheet(HTML) 19 Page - MPS Industries, Inc.

Back Button MP8020 Datasheet HTML 15Page - MPS Industries, Inc. MP8020 Datasheet HTML 16Page - MPS Industries, Inc. MP8020 Datasheet HTML 17Page - MPS Industries, Inc. MP8020 Datasheet HTML 18Page - MPS Industries, Inc. MP8020 Datasheet HTML 19Page - MPS Industries, Inc. MP8020 Datasheet HTML 20Page - MPS Industries, Inc. MP8020 Datasheet HTML 21Page - MPS Industries, Inc. MP8020 Datasheet HTML 22Page - MPS Industries, Inc. MP8020 Datasheet HTML 23Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
MP8020 – IEEE 802.3af/at/bt, PoE, POWERED DEVICE INTERFACE
MP8020 Rev. 1.0
MonolithicPower.com
19
2/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Table 3: PSE and Allocated Power Indicator
PSE Type
PD Class
PSE Allocated Power Number of Class Cycles
BT
TYP1 TYP2
Type 1
Type 2
Class 0
Class 1
Class 2
Class 3
12.95W
3.84W
6.49W
12.95W
1
High
High
High
Type 2
Class 4
25.5W
2
High
High
Low
Type 3
Type 4
Class 0
Class 1
Class 2
Class 3
12.95W
3.84W
6.49W
12.95W
1
Low
High
High
Class 4
25.5W
2, 3
Low
High
Low
Class 5
Class 6
40W
51W
4
Low
Low
High
Type 4
Class 7
Class 8
62W
71.3W
5
Low
Low
Low
Table 4: Power Demotion Cases
PSE Type
PD Class
PSE Allocated Power Number of Class Cycles
BT
TYP1 TYP2
Type 2
Class 4
12.95W
1
High
High
High
Type 3
Type 4
Classes 4~8
12.95W
1
Low
High
High
Type 3
Type 4
Classes 5~8
25.5W
2, 3
Low
High
Low
Type 3
Type 4
Classes 7~8
51W
4
Low
Low
High
Automatic Maintain Power Signature
To maintain the PSE power supply, the
MP8020 supports automatic maintain power
signature, and the current is configured by a
resistor on the R_MPS pin.
The MP8020 also has one DUTY pin to
configure the R_MPS pin’s voltage duty cycle,
which can compensate the effects of the long
cable and bulk bus capacitors. After VDD
reaches the UVLO rising threshold, the DUTY
pin sources one pulse current to detect the
maintain power signature function duty cycle
setting. Table 5 shows the DUTY pin’s
configuration options. Once VDD falls to the VDD
UVLO falling threshold, the DUTY signal resets.
Table 5: DUTY Configurations
DUTY to GND Resistance (kΩ)
R_MPS Duty
Cycle (%)
Min
Typ
Max
0
0
1.4
6
5.76
7.15
9.09
11.5
17.4
Float
Float
17
With type 1 and type 2 PSE inputs, the MP8020
generates a voltage on the R_MPS pin with a
fixed 37% duty cycle.
Wall Adapter Power Supply
For applications where an auxiliary power
source such as a wall adapter is used to power
the device, the MP8020 features wall power
adapter detection. Once the adapter voltage
(VADP) exceeds about 8.3V, the MP8020
enables wall adapter detection.
The resistor divider connected from VADP to
AUX detects the adapter status. Once the AUX
voltage exceeds the internal reference voltage,
the MP8020 switches the power source from
the PSE to the adapter if the adapter has higher
priority.
GATE2 drives the external N-channel MOSFET
and provides a smooth switch between the PSE
and auxiliary wall adapter with less power loss
than a traditional diode input. After the adapter
supply is enabled, the PG signal is high, the
TYP1 and TYP2 pins output low, and the BT pin
remains high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com