Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8020 Datasheet(PDF) 14 Page - MPS Industries, Inc.

Part # MP8020
Description  IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8020 Datasheet(HTML) 14 Page - MPS Industries, Inc.

Back Button MP8020 Datasheet HTML 10Page - MPS Industries, Inc. MP8020 Datasheet HTML 11Page - MPS Industries, Inc. MP8020 Datasheet HTML 12Page - MPS Industries, Inc. MP8020 Datasheet HTML 13Page - MPS Industries, Inc. MP8020 Datasheet HTML 14Page - MPS Industries, Inc. MP8020 Datasheet HTML 15Page - MPS Industries, Inc. MP8020 Datasheet HTML 16Page - MPS Industries, Inc. MP8020 Datasheet HTML 17Page - MPS Industries, Inc. MP8020 Datasheet HTML 18Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
MP8020 – IEEE 802.3af/at/bt, PoE, POWERED DEVICE INTERFACE
MP8020 Rev. 1.0
MonolithicPower.com
14
2/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VDD = 54V, VADP = 24V, TA = 25°C, unless otherwise noted.
Adapter Start-Up
IOUT = 0A
Adapter Start-Up
IOUT = 3A
CH2: VADP
10V/div.
CH1: VOUT
10V/div.
CH3: PG
10V/div.
CH4: IVADP
200mA/div.
CH2: VADP
10V/div.
CH1: VOUT
10V/div.
CH3: PG
10V/div.
CH4: IVADP
2A/div.
100ms/div.
100ms/div.
Adapter Shutdown
IOUT = 0A
Adapter Shutdown
IOUT = 3A
CH2: VADP
10V/div.
CH1: VOUT
10V/div.
CH3: PG
10V/div.
CH4: IVADP
200mA/div.
CH2: VADP
10V/div.
CH1: VOUT
10V/div.
CH3: PG
10V/div.
CH4: IVADP
2A/div.
100ms/div.
100ms/div.
SCP Entry
IOUT = 1.35A to short
SCP Recovery
IOUT = short to 0A
CH2: VDD
20V/div.
CH1: VOUT
20V/div.
CH3: PG
20V/div.
CH4: IVDD
2A/div.
CH2: VDD
20V/div.
CH1: VOUT
20V/div.
CH3: PG
20V/div.
CH4: IVDD
200mA/div.
4ms/div.
40ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com