Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8020 Datasheet(PDF) 21 Page - MPS Industries, Inc.

Part # MP8020
Description  IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8020 Datasheet(HTML) 21 Page - MPS Industries, Inc.

Back Button MP8020 Datasheet HTML 17Page - MPS Industries, Inc. MP8020 Datasheet HTML 18Page - MPS Industries, Inc. MP8020 Datasheet HTML 19Page - MPS Industries, Inc. MP8020 Datasheet HTML 20Page - MPS Industries, Inc. MP8020 Datasheet HTML 21Page - MPS Industries, Inc. MP8020 Datasheet HTML 22Page - MPS Industries, Inc. MP8020 Datasheet HTML 23Page - MPS Industries, Inc. MP8020 Datasheet HTML 24Page - MPS Industries, Inc. MP8020 Datasheet HTML 25Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
MP8020 – IEEE 802.3af/at/bt, PoE, POWERED DEVICE INTERFACE
MP8020 Rev. 1.0
MonolithicPower.com
21
2/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting a TVS Diode
To limit the input transient voltage within the
absolute maximum ratings, a TVS diode should
be placed across the rectified voltage (between
VDD and GND). For general indoor applications,
it is recommended to use an SMAJ58A diode,
or one with an equivalent protection voltage.
Outdoor
transient
levels
and
special
applications
typically
require
additional
protection.
Selecting an Input Capacitor
A 0.05μF to 0.12μF input bypass capacitor
must be placed from VDD to GND for IEEE
802.3bt standard specifications. A 0.1μF, 100V
ceramic capacitor is typically used.
Selecting the Classification Resistors (RCLSA
and RCLSB)
Connect a resistor from CLSA and CLSB to
GND to configure the classification current
according to the IEEE 802.3bt standard. The
assigned class power should correspond to the
maximum average power drawn by the PD
during operation. To select RCLSA and RCLSB,
see Table 1 on page 16.
Wall Power Adapter Detection Circuit
The MP8020 features wall power adapter
detection. Once VDD (between VADP and GND)
exceeds about 8.3V, the MP8020 enables wall
adapter detection. At this point, the resistor
divider from the VADP to AUX pin can configure
the threshold to switch from the PSE to an
adapter.
MP8020
VADP
AUX
From
Adapter
RADP1
RADP2
Figure 5: Wall Adapter Threshold Setting
PG Pin Setting
The PG pin is an active high, open-drain output
that requires an external pull-up resistor. The
PG pin’s maximum sink current should be
limited below 3mA. It is recommended to
connect a 20kΩ to 100kΩ pull-up resistor from
SRC to PG. Connect PG to the downstream
DC/DC converter’s EN pin to enable the DC/DC
converter.
PG goes to a high-impedance state if all of the
following conditions are met:
 The steady current limit changes, which
means the inrush period is complete.
 tDELAY of 90ms from UVLO is complete.
 The wall power adapter is detected on AUX,
and VADP exceeds the UVLO threshold.
BT, TYP1, and TYP2 Indicator Connection
The BT, TYP1, and TYP2 pins are open-drain
outputs that indicate the PSE type or the
presence of a wall adapter. Optocouplers can
interface these pins to circuitry on the
converter’s secondary side. Figure 6 shows the
optocoupler interface design for the BT, TYP1,
and TYP2 signals.
VDD
BT or TYP1 or TYP2
RBTT
VOUT
RBTT_OUT
VBTT_OUT
Figure 6: BT, TYP1, and TYP2 Interface
Where BT, TYP1, and TYP2 should have
maximum sink currents of 3mA, and RBTT
should exceed 20kΩ to match the maximum
57V input.
When
lighting
an
LED
from
VDD
to
BT/TYP1/TYP2 to indicate the PSE type, the
resistance can be higher to match the LED’s
maximum current and reduce power loss.
Configurable Current Limit
After VDD exceeds the UVLO threshold, the ILIM
pin sources a current that detects the
configurable current limit. By connecting ILIM to
GND via a resistor (or shorting ILIM to GND),
the MP8020’s current limit can be configured to
1.6A or 0.9A (see Table 2 on page 17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com