Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8020 Datasheet(PDF) 3 Page - MPS Industries, Inc.

Part # MP8020
Description  IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8020 Datasheet(HTML) 3 Page - MPS Industries, Inc.

  MP8020 Datasheet HTML 1Page - MPS Industries, Inc. MP8020 Datasheet HTML 2Page - MPS Industries, Inc. MP8020 Datasheet HTML 3Page - MPS Industries, Inc. MP8020 Datasheet HTML 4Page - MPS Industries, Inc. MP8020 Datasheet HTML 5Page - MPS Industries, Inc. MP8020 Datasheet HTML 6Page - MPS Industries, Inc. MP8020 Datasheet HTML 7Page - MPS Industries, Inc. MP8020 Datasheet HTML 8Page - MPS Industries, Inc. MP8020 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
MP8020 – IEEE 802.3af/at/bt, PoE, POWERED DEVICE INTERFACE
MP8020 Rev. 1.0
MonolithicPower.com
3
2/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VDD
Positive power supply terminal from the Power over Ethernet (PoE) input power rail.
2
GND
Negative power supply terminal.
3
GATE2
External N-channel MOSFET GATE driver for the adapter power supply.
4
VADP
Positive power supply terminal from the adapter.
5
AUX
Adapter power input detector pin. The AUX pin configures the adapter’s auxiliary power
under-voltage lockout (UVLO) voltage. Pull down AUX internally to GND via a resistor. If
this pin is not used, pull it to GND externally.
6
R_MPS
Automatic maintain power signature load resistor connection. The R_MPS pin
generates a 24V output pulse when the maintain power signature function is triggered.
7
ILIM
Internal hot-swap MOSFET current limit configuration. See the Hot-Swap MOSFET
and Current Limit section on page 17 for more details.
8
DUTY
Automatic maintain power signature output duty setting pin. See the Automatic
Maintain Power Signature section on page 19 for more details.
9
PRI
Power-sourcing equipment (PSE) power and adapter power priority setting pin. Pull
up this pin internally to the internal 5V power source via a resistor. If PRI is low, then the
PSE power source has a higher priority.
10
CLSA
Power class signature pin. CLSA is used during the first two class events.
11
CLSB
Power class signature pin. CLSB is used during the third class event and all subsequent
class events.
12
BT
PSE type indicator. BT is an open-drain output.
13
TYP2
Allocated PSE power type indicator. TYP2 is an open-drain output.
14
TYP1
Allocated PSE power type indicator. TYP1 is an open-drain output.
15
PG
Power good (PG) indicator. PG is an open-drain output. Pull this pin active high.
16
SRC
Hot-swap MOSFET source pin. SRC is the power output from both the internal and
external hot-swap MOSFETs.
17
GATE1
External, parallel N-channel MOSFET GATE driver for the PSE power supply.
18
SENSE
External MOSFET current-sense pin. If not used, connect this pin to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com