Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8020 Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # MP8020
Description  IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8020 Datasheet(HTML) 4 Page - MPS Industries, Inc.

  MP8020 Datasheet HTML 1Page - MPS Industries, Inc. MP8020 Datasheet HTML 2Page - MPS Industries, Inc. MP8020 Datasheet HTML 3Page - MPS Industries, Inc. MP8020 Datasheet HTML 4Page - MPS Industries, Inc. MP8020 Datasheet HTML 5Page - MPS Industries, Inc. MP8020 Datasheet HTML 6Page - MPS Industries, Inc. MP8020 Datasheet HTML 7Page - MPS Industries, Inc. MP8020 Datasheet HTML 8Page - MPS Industries, Inc. MP8020 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
MP8020 – IEEE 802.3af/at/bt, PoE, POWERED DEVICE INTERFACE
MP8020 Rev. 1.0
MonolithicPower.com
4
2/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VDD, SENSE, SRC, TYP1, TYP2, PG, AUX,
VADP, BT ...................................-0.3V to +100V
R_MPS .........................................-0.3V to +30V
GATE1 to SRC ............................-0.3V to +6.5V
GATE2 to VADP ..........................-0.3V to +6.5V
SENSE to VDD ............................-6.5V to +0.3V
All other pins ................................-0.3V to +6.5V
PG, TYP1, TYP2, BT sinking current.......... 5mA
Continuous power dissipation (TA = 25°C) (2)…..
………………………………………………2.7W (4)
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature................ -65°C to +150°C
Recommended Operating Conditions (3)
PSE supply voltage (VDD)....................0V to 57V
Adapter supply voltage (VADP).............0V to 57V
PG, TYP1, TYP2, BT max sink current....... 3mA
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance
θJA
θJC
QFN-18 (3mmx5mm)
EV8020-QV-00A (4) ..................46 ........... 7°C/W
JESD51-7 (5) ............................47 ........... 7°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient
thermal
resistance,
θJA,
and
the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable power dissipation can produce an excessive die
temperature, which may cause the regulator to go into
thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured
on
the
EV8020-QV-00A,
a
1oz,
2-layer
(63mmx63mm) PCB.
5) The value of θJA given in this table is only valid for comparison
with other packages and cannot be used for design purposes.
These values were calculated in accordance with JESD51-7,
and simulated on a specified JEDEC board. They do not
represent the performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com