Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8020 Datasheet(PDF) 18 Page - MPS Industries, Inc.

Part # MP8020
Description  IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8020 Datasheet(HTML) 18 Page - MPS Industries, Inc.

Back Button MP8020 Datasheet HTML 14Page - MPS Industries, Inc. MP8020 Datasheet HTML 15Page - MPS Industries, Inc. MP8020 Datasheet HTML 16Page - MPS Industries, Inc. MP8020 Datasheet HTML 17Page - MPS Industries, Inc. MP8020 Datasheet HTML 18Page - MPS Industries, Inc. MP8020 Datasheet HTML 19Page - MPS Industries, Inc. MP8020 Datasheet HTML 20Page - MPS Industries, Inc. MP8020 Datasheet HTML 21Page - MPS Industries, Inc. MP8020 Datasheet HTML 22Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
MP8020 – IEEE 802.3af/at/bt, PoE, POWERED DEVICE INTERFACE
MP8020 Rev. 1.0
MonolithicPower.com
18
2/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
the device enters current foldback mode
(reaches the inrush current limit), VSRC
drops. At the same time, PG is pulled low.
 If the internal MOSFET or external
MOSFET triggers the fast-off current limit,
the MP8020 quickly turns off the related
MOSFET and then restarts with a delay.
Power Good (PG) and Delay
The MP8020 has one PG output to enable the
downstream DC/DC converter after the inrush
period finishes and the PSE is ready to provide
high power. PG is an open-drain output with a
voltage rating up to 100V.
PG goes to a high-impedance (Hi-Z) state when
the device meets all of the following conditions:
 The device has changed to the steady
current limit, which means that the inrush
period is complete.
 The 90ms delay (tDELAY) from UVLO has
completed.
 A wall power adapter is detected on AUX,
and VADP exceeds the UVLO threshold (see
Figure 3).
PSE Power On
VDD > UVLO_R?
Inrush Current
Current < 75% of
Inrush Limit?
Change to Steady
State Current Limit
90ms Timer
Timer ran out?
Yes
Yes
Yes
No
No
PG rises to high
BT, TYP1, and TYP2 operate
based on PSE type
Both are ok
Yes
PG and GATE1 drops
VDD - VSS < UVLO_F?
Yes
PG, BT, TYP1, and
TYP2 signals reset
No
PSE Power Off
Drive GATE1
VDD - VSRC > 10V
for 1ms?
VDD - VSRC < 10V
Yes
Figure 3: PG Logic
The PG signal resets when the VDD UVLO turn-
off
threshold
(VDD_F)
is
triggered,
over-
temperature protection (OTP) occurs, or if VDD -
VSRC > 10V for more than 1ms. The 90ms timer
only works after VDD UVLO is triggered.
PSE and Allocated Power Indicators
IEEE802.3bt supports 4 different PSE power
supplies. The BT, TYP1, and TYP2 pins
indicate the PSE-allocated power type. Table 3
on page 19 shows the detailed power level
indicators. Note that the indicator only displays
high when it is in logic high and pulled up to a
high voltage via an external pull-up resistor.
The TYP1, TYP2, and BT signals are active
after a tDELAY of 90ms (same as the PG signal).
The outputs become inactive (high-impedance)
when VDD falls below its UVLO threshold, or if
OTP is triggered. The BT, TYP1, and TYP2
signals are latched in the MP8020 after start-up
and do not reset until VDD drops to the mark
event reset threshold.
If an adapter is detected, the TYP1 and TYP2
pins go low and BT goes high.
Table 4 on page 19 shows some power
demotion cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com