Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8020 Datasheet(PDF) 10 Page - MPS Industries, Inc.

Part # MP8020
Description  IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8020 Datasheet(HTML) 10 Page - MPS Industries, Inc.

Back Button MP8020 Datasheet HTML 6Page - MPS Industries, Inc. MP8020 Datasheet HTML 7Page - MPS Industries, Inc. MP8020 Datasheet HTML 8Page - MPS Industries, Inc. MP8020 Datasheet HTML 9Page - MPS Industries, Inc. MP8020 Datasheet HTML 10Page - MPS Industries, Inc. MP8020 Datasheet HTML 11Page - MPS Industries, Inc. MP8020 Datasheet HTML 12Page - MPS Industries, Inc. MP8020 Datasheet HTML 13Page - MPS Industries, Inc. MP8020 Datasheet HTML 14Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
MP8020 – IEEE 802.3af/at/bt, PoE, POWERED DEVICE INTERFACE
MP8020 Rev. 1.0
MonolithicPower.com
10
2/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
VDD = 54V, VADP = 24V, TA = 25°C, unless otherwise noted.
20
22
24
26
28
30
-50
0
50
100
150
TJ (°C)
Detection Resistance vs.
Junction Temperature
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
150
TJ (°C)
Internal MOSFET On Resistance
vs. Junction Temperature
1.08
1.12
1.16
1.2
1.24
-50
0
50
100
150
TJ (°C)
Class Voltage vs. Junction
Temperature
20
20.5
21
21.5
22
22.5
-50
0
50
100
150
TJ (°C)
Class Upper Threshold vs.
Junction Temperature
Upper_OFF
Upper_ON
9
9.5
10
10.5
11
11.5
12
12.5
13
-50
0
50
100
150
TJ (°C)
Class Lower Threshold vs.
Junction Temperature
Lower_ON
Lower_OFF
4.6
4.8
5
5.2
5.4
-50
0
50
100
150
TJ (°C)
Mark Event Reset Threshold vs.
Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com