Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8020 Datasheet(PDF) 7 Page - MPS Industries, Inc.

Part # MP8020
Description  IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8020 Datasheet(HTML) 7 Page - MPS Industries, Inc.

Back Button MP8020 Datasheet HTML 3Page - MPS Industries, Inc. MP8020 Datasheet HTML 4Page - MPS Industries, Inc. MP8020 Datasheet HTML 5Page - MPS Industries, Inc. MP8020 Datasheet HTML 6Page - MPS Industries, Inc. MP8020 Datasheet HTML 7Page - MPS Industries, Inc. MP8020 Datasheet HTML 8Page - MPS Industries, Inc. MP8020 Datasheet HTML 9Page - MPS Industries, Inc. MP8020 Datasheet HTML 10Page - MPS Industries, Inc. MP8020 Datasheet HTML 11Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
MP8020 – IEEE 802.3af/at/bt, PoE, POWERED DEVICE INTERFACE
MP8020 Rev. 1.0
MonolithicPower.com
7
2/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VDD = 54V, TJ = -40°C to +125°C (6), typical values are tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Maintain Power Signature
Automatic maintain power
signature current enable
threshold
IPORT-MPS Load current drops
36
mA
Automatic maintain power
signature current threshold
hysteresis
Load current rises to disable the
maintain power signature
current again
10
mA
R_MPS output voltage
1mA to 20mA
23
24
25
V
Type 1 and type 2 power
sourcing equipment (PSE),
R_MPS output duty cycle
Duty
37
%
On period
75
85
95
ms
Off period
115
140
165
ms
Type 3 and type 4 PSE,
R_MPS output duty cycle
with DUTY short to GND
Duty
6
%
On period
14
16
18
ms
Off period
210
250
290
ms
Type 3 and type 4 PSE,
R_MPS output duty cycle
with DUTY to GND via a
7.15kΩ resistor
Duty
11.5
%
On period
26
31
36
ms
Off period
200
235
270
ms
Type 3 and type 4 PSE,
R_MPS output duty cycle
with DUTY floating
Duty
17
%
On period
39
45
52
ms
Off period
190
221
260
ms
External MOSFET voltage
drop control threshold
VDS = VSENSE - VSRC
26
mV
DUTY detection current
130
165
180
μA
DUTY detection period
130
μs
DUTY voltage threshold
6% duty setting voltage range
0.8
V
11.5% duty setting voltage
range
1
2.2
V
17% duty setting voltage range2.5
V
Adapter Supply
VADP UVLO rising threshold
ADPUV-R
7.8
8.3
8.8
V
VADP UVLO falling threshold
ADPUV-F
6.5
7
7.5
V
AUX high threshold voltage
VAUX-H
1.92
2
2.08
V
AUX threshold hysteresis
VAUX-HYS
0.15
V
AUX leakage current
VAUX = 2V
1
μA
VAUX = 57V
2.5
μA
GATE2 source current
VGATE2 -VADP = 4V
20
μA
GATE2 sink current
VGATE2 -VADP = 4V
200
μA
GATE2 max driving voltage
GATE2 to VADP
6
V
GATE2 turn-on threshold
VADP - VSRC voltage after adapter
supply is enabled
0
0.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com