Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8020 Datasheet(PDF) 5 Page - MPS Industries, Inc.

Part # MP8020
Description  IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8020 Datasheet(HTML) 5 Page - MPS Industries, Inc.

  MP8020 Datasheet HTML 1Page - MPS Industries, Inc. MP8020 Datasheet HTML 2Page - MPS Industries, Inc. MP8020 Datasheet HTML 3Page - MPS Industries, Inc. MP8020 Datasheet HTML 4Page - MPS Industries, Inc. MP8020 Datasheet HTML 5Page - MPS Industries, Inc. MP8020 Datasheet HTML 6Page - MPS Industries, Inc. MP8020 Datasheet HTML 7Page - MPS Industries, Inc. MP8020 Datasheet HTML 8Page - MPS Industries, Inc. MP8020 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
MP8020 – IEEE 802.3af/at/bt, PoE, POWERED DEVICE INTERFACE
MP8020 Rev. 1.0
MonolithicPower.com
5
2/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDD = 54V, TJ = -40°C to +125°C (6), typical values are tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Detection
Detection on
VDET-ON
VDD rising
1
1.4
V
Detection off
VDET-OFF VDD rising
10.1
11
V
Bias current
IBIAS
VDD = 10.1V, not in mark event,
measure ISUPPLY
12
μA
Detection resistance
RDET
VDD from 1.5V to 10.1V,
calculate with ΔV / ΔI
24.1
25
26.1
kΩ
Classification
Classification stability time
Stable output voltage (VOUT)
from VCL-ON to CLSA or CLSB
0.4
1
ms
CLSA and CLSB class
voltage (VCLASS) output
voltage
VCLSA
13V < VDD < 21V,
1mA < ICLASS < 44mA
1.11
1.16
1.21
V
VCLSB
Classification current for
CLSA and CLSB
ICLASS
Measure input current, 13 ≤ VDD ≤ 21V, guaranteed by VCLSA and VCLSB
RCLASS = 578Ω, 13 ≤ VDD ≤ 21V
1.8
2
2.4
mA
RCLASS = 110Ω, 13 ≤
VDD ≤21V
9.9
10.55
11.3
RCLASS = 62Ω, 13 ≤
VDD ≤ 21V
17.7
18.7
19.8
RCLASS = 41.2Ω, 13 ≤
VDD ≤21V
26.6
28.15
29.7
RCLASS = 28.7Ω, 13 ≤
VDD ≤21V
38.2
40.4
42.6
Long first class event
tLCE
Determine type 3 and type 4
PoE from trigger VCL-ON
76
81.5
87
ms
Classification lower
threshold
VCL-ON
Regulator turns on, VDD rising
12
12.5
13
V
Classification lower
threshold hysteresis
VCL-L-HYS Low threshold hysteresis
1.3
1.5
1.7
V
Classification upper
threshold
VCL-OFF
Regulator turns off, VDD rising
21
22
23
V
Classification upper
threshold hysteresis
VCL-H-HYS High threshold hysteresis
0.5
V
Mark event reset threshold
VMARK-L
4.5
5
5.5
V
Max mark event voltage
VMARK-H
10.5
11
11.5
V
Mark event current
IMARK
0.5
1.1
2
mA
Mark event resistance
RMARK
2-point measurement at 5.5V
and 10.1V, calculate with
ΔV / ΔI
12
kΩ
IC supply current during
classification
IIN-CLASS
VDD = 17.5V, float CLSA and
CLSB
180
300
μA
Class leakage current
ILEAKAGE
VCLSA = VCLSB = 0V, VDD = 57V,
test both CLSA and CLSB
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com