Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8020 Datasheet(PDF) 16 Page - MPS Industries, Inc.

Part # MP8020
Description  IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8020 Datasheet(HTML) 16 Page - MPS Industries, Inc.

Back Button MP8020 Datasheet HTML 12Page - MPS Industries, Inc. MP8020 Datasheet HTML 13Page - MPS Industries, Inc. MP8020 Datasheet HTML 14Page - MPS Industries, Inc. MP8020 Datasheet HTML 15Page - MPS Industries, Inc. MP8020 Datasheet HTML 16Page - MPS Industries, Inc. MP8020 Datasheet HTML 17Page - MPS Industries, Inc. MP8020 Datasheet HTML 18Page - MPS Industries, Inc. MP8020 Datasheet HTML 19Page - MPS Industries, Inc. MP8020 Datasheet HTML 20Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
MP8020 – IEEE 802.3af/at/bt, PoE, POWERED DEVICE INTERFACE
MP8020 Rev. 1.0
MonolithicPower.com
16
2/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
OPERATION
The MP8020 is an IEEE802.3af/at/bt-compliant,
Power over Ethernet (PoE), powered device
(PD). The device includes all the functions of
IEEE
802.3af/at/bt,
including
detection,
classification, input current (IIN) control, a 100V
hot-swap MOSFET, and automatic maintain
power signature functionality.
Detection
The MP8020 integrates an internal detection
resistor. When the power-sourcing equipment
(PSE) applies two safe voltages between 2.7V
and 10.1V to the MP8020, the MP8020 typically
shows a 25kΩ resistance between the VDD and
GND pins.
Classification
The PSE distributes power to the PDs based on
the classification results. Classification mode is
active between 14.5V and 20.5V. The MP8020
presents different currents in classification
mode (see Table 1).
Table 1: Different Classification Power Rating and Setting with the MP8020
PD
Class
Power
Rating (W)
Class Cycle with
Max Power
CLSA
Signature
CLSB
Signature
CLSA
Resistor
CLSB
Resistor
0
0.44 to 12.95
1
0
0
578
578
1
0.44 to 3.84
1
1
1
110
110
2
3.84 to 6.49
1
2
2
62
62
3
6.49 to 12.95
1
3
3
41.2
41.2
4
12.95 to 25.5
2, 3
4
4
28.7
28.7
5
25.5 to 40
4
4
0
28.7
578
6
40 to 51
4
4
1
28.7
110
7
51 to 62
5
4
2
28.7
62
8
62 to 71.3
5
4
3
28.7
41.2
IEEE802.3bt supports an 8-level class power
rating, with up to 5 classification cycle
operations. These classification cycles have the
below functions:
 All PSEs perform one cycle classification for
the class 0, class 1, class 2, and class 3
PDs.
 Type 2 PSEs perform 2-cycle classification
if a class 4 signature is detected during the
first class cycle.
 Type 3 and type 4 PSEs start their third
cycle classification if a class 4 signature is
detected during the first and second class-
cycle. Based on the third cycle classification
result, the Type 3 and Type 4 PSEs follow
one of the operations listed below:
o If the third classification result is a class
4 signature, classification stops and
there is a class 4 PD.
o If the third classification results in a
class 0 or class 1 signature, the devices
continue
to
the
fourth
cycle
classification.
o If the third classification result is class 2
or class 3 signature, the type 4 PSE
performs a fourth and fifth cycle
classification.
The MP8020 performs a class signature signal
with the CLSA pin during the first and second
class cycles. The device performs a class
signature signal with the CLSB pin in the
remaining class cycles, unless VDD drops to the
mark event reset threshold.
Both CLSA and CLSB use the same output
voltage (VOUT) for classification. The maximum
output current (IOUT) is limited for self-protection.
Under-Voltage Lockout (UVLO) and the
Power Supply Voltage
The MP8020 integrates one under-voltage
lockout (UVLO) circuit with a large hysteresis.
The UVLO block ensures that the MP8020
starts up when VDD exceeds 40V and shuts
down when VDD drops below 30V.
The MP8020 also has an inrush current limit
function during start-up. This current is about
1/7 of the steady state current limit, which is
configured by the ILIM pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com