Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8020 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # MP8020
Description  IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8020 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  MP8020 Datasheet HTML 1Page - MPS Industries, Inc. MP8020 Datasheet HTML 2Page - MPS Industries, Inc. MP8020 Datasheet HTML 3Page - MPS Industries, Inc. MP8020 Datasheet HTML 4Page - MPS Industries, Inc. MP8020 Datasheet HTML 5Page - MPS Industries, Inc. MP8020 Datasheet HTML 6Page - MPS Industries, Inc. MP8020 Datasheet HTML 7Page - MPS Industries, Inc. MP8020 Datasheet HTML 8Page - MPS Industries, Inc. MP8020 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MP8020
IEEE 802.3af/at/bt-Compliant,
PoE, Powered Device Interface
MP8020 Rev. 1.0
MonolithicPower.com
1
2/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
DESCRIPTION
The
MP8020
is
an
IEEE
802.3af/at/bt-
compliant, Power over Ethernet (PoE), powered
device (PD). The device supports all the
functions of IEEE 802.3af/at/bt, including
detection, 5-event classification, input current
(IIN) control, and an internal 100V hot-swap
MOSFET.
The MP8020 provides configurable inrush
current limiting during start-up and operation
current limiting when the internal MOSFET is
fully turned on. The GATE1 driver supports the
use of an external low on resistance (RDS(ON))
MOSFET for high-power design. A high power
good (PG) signal enables the use of a
downstream DC/DC converter. The MP8020
also
provides
automatic
maintain
power
signature functionality under light loads.
An auxiliary power input detector (AUX) and
GATE2 driver provide a smooth power switch
from the power-sourcing equipment (PSE) to an
auxiliary wall adapter with low power loss. The
MP8020 also features a built-in detection
resistor, thermal protection, and a wide input
under-voltage lockout (UVLO) hysteresis.
The MP8020 is available in a QFN-18
(3mmx5mm) package.
FEATURES
 Compliant with 802.3af/at/bt Specifications
 Internal Detection Resistor
 Supports Up to 71.3W Powered Device
(PD) Operation
 Internal Hot-Swap MOSFET for ≤51W
Design
 External MOSFET with GATE1 for >51W
Design
 Auxiliary Power Supply from >8.8V Adapter
 GATE2 N-Channel MOSFET Driver for
Adapter Supply
 Configurable Current Limit
 Automatic Maintain Power Signature
 PG and Allocated Power Type Indicators
 150°C Over-Temperature Protection (OTP)
 Available in a QFN-18 (3mmx5mm)
Package
APPLICATIONS
 IEEE 802.3 af/at/bt-Compliant Devices
 Security Cameras
 Video and VoIP Phones
 WLAN Access Points
 Internet of Things (IoT) Devices
 Pico Base Stations
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
From
PSE
MP8020
GATE1
SRC
GATE2
VADP
VDD
VOUT
AUX
PRI
CLSB
CLSA
TYP1
BT
TYP2
ILIM
DUTY
R_MPS
GND
R1
R2
R5
From
Adapter
Q2
SENSE
PG
D1
C1
C2
R3
R4
C3
PSE Start-Up
CH2: VDD
20V/div.
CH1: VOUT
20V/div.
CH3: PG
20V/div.
CH4:
BT/TYP1/TYP2
20V/div.
200ms/div.


Similar Part No. - MP8020

ManufacturerPart #DatasheetDescription
logo
Dc Components
MP802 DCCOM-MP802 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP802 GOOD-ARK-MP802 Datasheet
97Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP802 CHENG-YI-MP802 Datasheet
125Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Formosa MS
MP802 FORMOSA-MP802 Datasheet
112Kb / 6P
Bridge Rectifier
logo
GOOD-ARK Electronics
MP802G GOOD-ARK-MP802G Datasheet
92Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - MP8020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
logo
Maxim Integrated Produc...
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
MAX5982A MAXIM-MAX5982A Datasheet
1Mb / 17P
IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 0; 6/11
logo
Texas Instruments
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
IEEE 802.3af/at, PoE, Powered Device, Interface Controller
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5995BEVKIT MAXIM-MAX5995BEVKIT Datasheet
867Kb / 17P
IEEE 802.3af/at/bt-Compliant PD Interface Circuit
Rev 0; 11/18
MAX5996AEVKIT MAXIM-MAX5996AEVKIT Datasheet
1Mb / 22P
IEEE 802.3af/at/bt-Compliant PD Interface Circuit
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com