Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC438MS8G Datasheet (PDF) - Analog Devices

HMC438MS8G Datasheet PDF - Analog Devices
Part # HMC438MS8G
Download  HMC438MS8G Download
File Size   483.39 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz

HMC438MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC438MS8G Datasheet PDF - Analog Devices

Part # HMC438MS8G
Download  HMC438MS8G Click to download

File Size   483.39 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz

HMC438MS8G Datasheet (HTML) - Analog Devices




Similar Part No. - HMC438MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC438MS8G HITTITE-HMC438MS8G Datasheet
228Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
HMC438MS8G HITTITE-HMC438MS8G Datasheet
230Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
HMC438MS8G HITTITE-HMC438MS8G Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
HMC438MS8GE HITTITE-HMC438MS8GE Datasheet
230Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
HMC438MS8G HITTITE-HMC438MS8G_07 Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
More results


Similar Description - HMC438MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC432 HITTITE-HMC432 Datasheet
226Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
HMC438MS8G HITTITE-HMC438MS8G Datasheet
228Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
HMC361S8G HITTITE-HMC361S8G_06 Datasheet
358Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
HMC363G8 HITTITE-HMC363G8_07 Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363S8G HITTITE-HMC363S8G_06 Datasheet
358Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC364S8G HITTITE-HMC364S8G_06 Datasheet
360Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 12.5 GHz
HMC438MS8G HITTITE-HMC438MS8G_07 Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
HMC437MS8G HITTITE-HMC437MS8G_10 Datasheet
233Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7 GHz
HMC438MS8G HITTITE-HMC438MS8G_10 Datasheet
230Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
logo
Analog Devices
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com