Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC438MS8G Datasheet(PDF) 1 Page - Analog Devices

Part # HMC438MS8G
Description  SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC438MS8G Datasheet(HTML) 1 Page - Analog Devices

  HMC438MS8G Datasheet HTML 1Page - Analog Devices HMC438MS8G Datasheet HTML 2Page - Analog Devices HMC438MS8G Datasheet HTML 3Page - Analog Devices HMC438MS8G Datasheet HTML 4Page - Analog Devices HMC438MS8G Datasheet HTML 5Page - Analog Devices HMC438MS8G Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4
4
4 - 1
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
General Description
Features
Functional Diagram
The HMC438MS8G & HMC438MS8GE are low noise
Divide-by-5 Static Dividers utilizing InGaP GaAs
HBT technology in low cost 8 lead surface mount
plastic packages. This device operates from DC
(with a square wave input) to 7 GHz input frequency
from a single +5V DC supply. The low additive SSB
phase noise of -153 dBc/Hz at 100 kHz offset helps
the user maintain good system noise performance.
SSB Phase Noise: -153 dBc/Hz @100 kHz
Wide Bandwidth
Output Power: -1 dBm
Single DC Supply: +5V @ 80 mA
MS8G SMT Package
Electrical Specifications, T
A = +25° C, 50 Ohm System, Vcc= 5V
Typical Applications
Prescaler for DC to C Band PLL Applications:
• UNII, Point-to-Point & VSAT Radios
• 802.11a & HiperLAN WLAN
• Fiber Optic
• Cellular / 3G Infrastructure
1. Divider will operate down to DC for square-wave input signal.
Parameter
Conditions
Min.
Typ.
Max.
Units
Maximum Input Frequency
7.0
7.5
GHz
Minimum Input Frequency
Sine Wave Input [1]
0.1
GHz
Input Power Range
Fin= 1 to 5 GHz
-15
+12
dBm
Fin= 5 to 6 GHz
-15
+10
dBm
Fin= 6 to 7 GHz
-15
+5
dBm
Output Power
-4
-1
dBm
Reverse Leakage
Both RF Outputs Terminated
-50
dBm
SSB Phase Noise (100 kHz offset)
Pin= 0 dBm, Fin= 6 GHz
-153
dBc/Hz
Output Transition Time
Pin= 0 dBm, Fout= 882 MHz
100
ps
Supply Current (Icc)
80
mA
HMC438MS8G / 438MS8GE
SMT GaAs HBT MMIC
DIVIDE-BY-5, DC - 7 GHz
v07.1019
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.


Similar Part No. - HMC438MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC438MS8G HITTITE-HMC438MS8G Datasheet
228Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
HMC438MS8G HITTITE-HMC438MS8G Datasheet
230Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
HMC438MS8G HITTITE-HMC438MS8G Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
HMC438MS8GE HITTITE-HMC438MS8GE Datasheet
230Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
HMC438MS8G HITTITE-HMC438MS8G_07 Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
More results

Similar Description - HMC438MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC432 HITTITE-HMC432 Datasheet
226Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
HMC438MS8G HITTITE-HMC438MS8G Datasheet
228Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
HMC361S8G HITTITE-HMC361S8G_06 Datasheet
358Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
HMC363G8 HITTITE-HMC363G8_07 Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363S8G HITTITE-HMC363S8G_06 Datasheet
358Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC364S8G HITTITE-HMC364S8G_06 Datasheet
360Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 12.5 GHz
HMC438MS8G HITTITE-HMC438MS8G_07 Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7.0 GHz
HMC437MS8G HITTITE-HMC437MS8G_10 Datasheet
233Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-3, DC - 7 GHz
HMC438MS8G HITTITE-HMC438MS8G_10 Datasheet
230Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-5, DC - 7 GHz
logo
Analog Devices
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com