Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9232 Datasheet (PDF) - Maxim Integrated Products

MAX9232 Datasheet PDF - Maxim Integrated Products
Part # MAX9232
Download  MAX9232 Download
File Size   49.48 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Programmable Spread-Spectrum and DC-Balance 21-Bit Deserializer

MAX9232 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9232 Datasheet PDF - Maxim Integrated Products

Part # MAX9232
Download  MAX9232 Click to download

File Size   49.48 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Programmable Spread-Spectrum and DC-Balance 21-Bit Deserializer

MAX9232 Datasheet (HTML) - Maxim Integrated Products


MAX9232 Product details

General Description
The MAX9232 deserializes three LVDS serial-data inputs into 21 single-ended LVCMOS/LVTTL outputs. A separate parallel-rate LVDS clock provides the timing for deserialization. The MAX9232 features spread-spectrum capability, allowing the output data and clock frequency to spread over a specified range to reduce EMI. The single-ended data and clock outputs are programmable for a frequency spread of ±2%, ±4%, or no spread. The spread-spectrum function is also available when the MAX9232 operates in non-DC-balanced mode. The modulation rate of the spread is 32kHz for a 33MHz LVDS clock input and scales linearly with frequency.

Features
♦ Programmable ±4%, ±2%, or OFF Spread-Spectrum Output for Reduced EMI
♦ Programmable DC Balance or Non-DC Balance
♦ DC Balance Allows AC-Coupling for Wider Input Common-Mode Voltage Range
♦ Spread Spectrum Operates in DC-Balanced or NonDC-Balanced Mode
♦ FIFO Reset During Vertical Blanking
♦ 16MHz-to-34MHz (DC-Balanced) and 20MHz-to-40MHz (Non-DC-Balanced) Operation
♦ High-Impedance Outputs when PWRDWN is Low Allow Output Busing
♦ Fail-Safe Inputs in Non-DC-Balanced Mode
♦ Separate Output Supply Pins Allow Interface to +1.8V, +2.5V, +3.3V, and +5V Logic
♦ LVDS Inputs Meet ISO 10605 ESD Protection at ±25kV Air Discharge and ±8kV Contact Discharge
♦ LVDS Inputs Meet IEC 61000-4-2 Level 4 ESD Protection at ±15kV Air and ±8kV Contact Discharge
♦ LVDS Inputs Conform to ANSI TIA/EIA-644 Standard
♦ +3.3V Main Power Supply

Applications
   Automotive Navigation Systems
   Automotive DVD Entertainment Systems
   Digital Copiers
   Laser Printers




Similar Part No. - MAX9232

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX923 MAXIM-MAX923 Datasheet
139Kb / 16P
Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
MAX923 MAXIM-MAX923 Datasheet
192Kb / 17P
Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
MAX9234 MAXIM-MAX9234 Datasheet
187Kb / 15P
Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
MAX9234EUM MAXIM-MAX9234EUM Datasheet
187Kb / 15P
Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
MAX9234 MAXIM-MAX9234_12 Datasheet
207Kb / 15P
Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12
More results


Similar Description - MAX9232

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9220 MAXIM-MAX9220 Datasheet
904Kb / 18P
Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
MAX9242 MAXIM-MAX9242 Datasheet
401Kb / 22P
21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
MAX9242 MAXIM-MAX9242_07 Datasheet
293Kb / 22P
21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 2; 6/07
logo
Cypress Semiconductor
CY25701 CYPRESS-CY25701_06 Datasheet
317Kb / 8P
Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701JXC CYPRESS-CY25701JXC Datasheet
216Kb / 7P
Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
logo
Maxim Integrated Produc...
MAX9242 MAXIM-MAX9242_09 Datasheet
256Kb / 23P
21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 3; 2/09
logo
auris-GmbH
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
Oscillator SMD, spread spectrum, programmable
logo
Maxim Integrated Produc...
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9270 MAXIM-MAX9270 Datasheet
1Mb / 33P
Gigabit Multimedia Deserializer with Spread Spectrum and Full-Duplex Control Channel
Rev 1; 1/11
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
Programmable DC-Balance 21-Bit Deserializers
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com