Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX923 Datasheet (PDF) - Maxim Integrated Products

MAX923 Datasheet PDF - Maxim Integrated Products
Part # MAX923
Download  MAX923 Download
File Size   139.71 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra Low-Power, Single/Dual-Supply Comparators

MAX923 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX923 Datasheet PDF - Maxim Integrated Products

Part # MAX923
Download  MAX923 Click to download

File Size   139.71 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra Low-Power, Single/Dual-Supply Comparators

MAX923 Datasheet (HTML) - Maxim Integrated Products


MAX923 Product details

General Description
The MAX921–MAX924 single, dual, and quad micropower, low-voltage comparators feature the lowest power consumption available. These comparators draw less than 4µA supply current over temperature (MAX921/MAX922), and include an internal 1.182V ±1% voltage reference, programmable hysteresis, and TTL/CMOS outputs that sink and source current.
Ideal for 3V or 5V single-supply applications, the MAX921–MAX924 operate from a single +2.5V to +11V supply (or a ±1.25V to ±5V dual supply), and each comparator’s input voltage range swings from the negative supply rail to within 1.3V of the positive supply.

Features
♦ µMAX® Package—Smallest 8-Pin SO
   (MAX921/MAX922/MAX923)
♦ Ultra-Low 4µA Max Quiescent Current
   Over Extended Temp. Range (MAX921)
♦ Power Supplies:
   Single +2.5V to +11V
   Dual ±1.25V to ±5.5V
♦ Input Voltage Range Includes Negative Supply
♦ Internal 1.182V ±1% Bandgap Reference
♦ Adjustable Hysteresis
♦ TTL/CMOS-Compatible Outputs
♦ 12µs Propagation Delay (10mV Overdrive)
♦ No Switching Crowbar Current
♦ 40mA Continuous Source Current

Applications
   Battery-Powered Systems
   Threshold Detectors
   Window Comparators
   Oscillator Circuits




Similar Part No. - MAX923

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX923 MAXIM-MAX923 Datasheet
192Kb / 17P
Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
MAX9232 MAXIM-MAX9232 Datasheet
49Kb / 1P
Programmable Spread-Spectrum and DC-Balance 21-Bit Deserializer
Rev 0; 9/05
MAX9232EUM MAXIM-MAX9232EUM Datasheet
49Kb / 1P
Programmable Spread-Spectrum and DC-Balance 21-Bit Deserializer
Rev 0; 9/05
MAX9234 MAXIM-MAX9234 Datasheet
187Kb / 15P
Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
MAX9234EUM MAXIM-MAX9234EUM Datasheet
187Kb / 15P
Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
More results


Similar Description - MAX923

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com