Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOT8026AB Datasheet (PDF) - Vishay Siliconix

VOT8026AB Datasheet PDF - Vishay Siliconix
Part # VOT8026AB
Download  VOT8026AB Download
File Size   185.61 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current

VOT8026AB Datasheet (PDF)

Go To PDF Page Download Datasheet
VOT8026AB Datasheet PDF - Vishay Siliconix

Part # VOT8026AB
Download  VOT8026AB Click to download

File Size   185.61 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current

VOT8026AB Datasheet (HTML) - Vishay Siliconix


VOT8026AB Product details

• High isolation distance on output
• High static dV/dt 1000 V/μs
• High input sensitivity IFT = 5 mA
• 100 mA on-state current
• Zero voltage crossing detector
• 800 V peak off-state blocking voltage
• Isolation rated voltage 5300 VRMS




Similar Part No. - VOT8026AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOT8026AB VISHAY-VOT8026AB Datasheet
185Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8026AB-T VISHAY-VOT8026AB-T Datasheet
185Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8026AB-T2 VISHAY-VOT8026AB-T2 Datasheet
185Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8026AB-VT VISHAY-VOT8026AB-VT Datasheet
185Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8026AB-VT2 VISHAY-VOT8026AB-VT2 Datasheet
185Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
More results


Similar Description - VOT8026AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL410 VISHAY-IL410 Datasheet
737Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Apr-04
IL410 VISHAY-IL410_08 Datasheet
156Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
09-Jan-08
VO4154 VISHAY-VO4154 Datasheet
117Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
30-Aug-06
VO4157 VISHAY-VO4157 Datasheet
146Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
14-Feb-12
VOT8025AB VISHAY-VOT8025AB Datasheet
194Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
11-May-2020
VOT8024AM VISHAY-VOT8024AM Datasheet
160Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Oct-2018
VO4154 VISHAY-VO4154_V01 Datasheet
233Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
15-Nov-2021
VO4158 VISHAY-VO4158 Datasheet
165Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
19-Jan-2022
VOT8024AB VISHAY-VOT8024AB_V01 Datasheet
211Kb / 12P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8026AB VISHAY-VOT8026AB_V01 Datasheet
185Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com