Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VO4158 Datasheet (PDF) - Vishay Siliconix

VO4158 Datasheet PDF - Vishay Siliconix
Part # VO4158
Download  VO4158 Download
File Size   165.48 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current

VO4158 Datasheet (PDF)

Go To PDF Page Download Datasheet
VO4158 Datasheet PDF - Vishay Siliconix

Part # VO4158
Download  VO4158 Click to download

File Size   165.48 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current

VO4158 Datasheet (HTML) - Vishay Siliconix


VO4158 Product details

DESCRIPTION
The VO4158 consists of a GaAs IRLED optically coupled
to a photosensitive zero crossing TRIAC packaged in a
DIP-6 package.
High input sensitivity is achieved by using an emitter
follower phototransistor and a cascaded SCR predriver
resulting in an LED trigger current of 1.6 mA for bin D, 2 mA
for bin H, and 3 mA for bin M.
The new phototriac zero crossing family uses a proprietary
dV/dt clamp resulting in a static dV/dt of greater than
5 kV/μs.
The VO4158 isolates low-voltage logic from 120 VAC,
240 VAC, and 380 VAC lines to control resistive, inductive, or
capacitive loads including motors, solenoids, high current
thyristors or TRIAC and relays.

FEATURES
• High static dV/dt 5 kV/μs
• High input sensitivity IFT = 1.6 mA, 2 mA, and
3 mA
• 300 mA on-state current
• Zero voltage crossing detector
• 800 V blocking voltage
• Isolation rated voltage 4420 VRMS
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Solid-state relays
• Industrial controls
• Office equipment
• Consumer appliances

AGENCY APPROVALS
• UL
• cUL
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• FIMKO




Similar Part No. - VO4158

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO4154 VISHAY-VO4154 Datasheet
117Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
30-Aug-06
VO4154 VISHAY-VO4154 Datasheet
233Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
15-Nov-2021
VO4154D VISHAY-VO4154D Datasheet
117Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
30-Aug-06
VO4154D-X006 VISHAY-VO4154D-X006 Datasheet
117Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
30-Aug-06
VO4154D-X007 VISHAY-VO4154D-X007 Datasheet
117Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
30-Aug-06
More results


Similar Description - VO4158

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL410 VISHAY-IL410 Datasheet
737Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Apr-04
IL410 VISHAY-IL410_08 Datasheet
156Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
09-Jan-08
VO4154 VISHAY-VO4154 Datasheet
117Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
30-Aug-06
VO4157 VISHAY-VO4157 Datasheet
146Kb / 8P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
14-Feb-12
VOT8026AB VISHAY-VOT8026AB Datasheet
185Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8025AB VISHAY-VOT8025AB Datasheet
194Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
11-May-2020
VOT8024AM VISHAY-VOT8024AM Datasheet
160Kb / 10P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
26-Oct-2018
VO4154 VISHAY-VO4154_V01 Datasheet
233Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
15-Nov-2021
VOT8024AB VISHAY-VOT8024AB_V01 Datasheet
211Kb / 12P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
VOT8026AB VISHAY-VOT8026AB_V01 Datasheet
185Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com