Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VO4158 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VO4158
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO4158 Datasheet(HTML) 4 Page - Vishay Siliconix

  VO4158 Datasheet HTML 1Page - Vishay Siliconix VO4158 Datasheet HTML 2Page - Vishay Siliconix VO4158 Datasheet HTML 3Page - Vishay Siliconix VO4158 Datasheet HTML 4Page - Vishay Siliconix VO4158 Datasheet HTML 5Page - Vishay Siliconix VO4158 Datasheet HTML 6Page - Vishay Siliconix VO4158 Datasheet HTML 7Page - Vishay Siliconix VO4158 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VO4158
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 19-Jan-2022
4
Document Number: 84634
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 2 - Diode Forward Voltage vs. Forward Current
Fig. 3 - Diode Reverse Voltage vs. Temperature
Fig. 4 - Leakage Current vs. Ambient Temperature
Fig. 5 - On State Current vs. On State Voltage
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification
According to IEC 68 part 1
55 / 100 / 21
Comparative tracking index
CTI
175
Maximum rated withstanding isolation voltage
t = 1 min
VISO
4420
VRMS
Maximum transient isolation voltage
VIOTM
8000
Vpeak
Maximum repetitive peak isolation voltage
VIORM
890
Vpeak
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Output safety power
PSO
500
mW
Input safety current
ISI
250
mA
Safety temperature
TS
175
°C
Creepage distance
Standard DIP-4
≥ 7mm
Clearance distance
Standard DIP-4
≥ 7mm
Insulation thickness
DTI
≥ 0.4
mm
0.7
0.9
1.1
1.3
1.5
0.1
1
10
100
IF (mA)
19997
0 °C
25 °C
50 °C
32
34
36
38
40
42
-60 -40
-20
0
20
40
60
80 100
Temperature (ºC)
I
R = 10 µA
19551
1
10
100
1000
10 000
-60
-40
-20
0
20
40
60
80
100
TA - Ambient Temperature (°C)
19592
I
DRM at 800 V
1
10
100
1000
12
3
4
VTM - On-State Voltage (V)
25 °C
85 °C
0 °C
I
F = 2 mA
19541



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com