Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B16244VE Datasheet (PDF) - Pericom Semiconductor Corporation

PI3B16244VE Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3B16244VE
Download  PI3B16244VE Download
File Size   150.34 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, 17-Bit, 4-Port NanoSwitch

PI3B16244VE Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3B16244VE Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3B16244VE
Download  PI3B16244VE Click to download

File Size   150.34 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, 17-Bit, 4-Port NanoSwitch

PI3B16244VE Datasheet (HTML) - Pericom Semiconductor Corporation


PI3B16244VE Product details

Product Description
Pericom Semiconductor’s PI3B series of logic circuits are produced using the Company’s advanced 0.35 micron CMOS technology.

Product Features
• Near-zero propagation delay
• 5Ω switches connect inputs to outputs when enabled
• Fast Switching Speed - 4ns max.
• Permits Hot Insertion
• Pin compatible with 74 series16244
• Operating Vcc: 3.0V to 3.6V
• Industrial operating temperature: –40°C to +85°C
• Packages available:
    – 48-pin 240 mil wide thin plastic TSSOP (A)
    – 48-pin 300 mil wide plastic SSOP (V)




Similar Part No. - PI3B16244VE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3B16245A PERICOM-PI3B16245A Datasheet
147Kb / 3P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B16245A PERICOM-PI3B16245A Datasheet
92Kb / 3P
3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3B16245A PERICOM-PI3B16245A Datasheet
149Kb / 5P
3.3V, 16-Bit, 2-Port NanoSwitch?
More results


Similar Description - PI3B16244VE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
3.3V, 32-Bit, 2-Port NanoSwitch
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B3383 PERICOM-PI3B3383 Datasheet
53Kb / 5P
3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B16861 PERICOM-PI3B16861 Datasheet
182Kb / 5P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16245 PERICOM-PI3B16245_04 Datasheet
149Kb / 5P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
3.3V, 4-Bit, 2-Port Nanoswitch
PI3B32X384 PERICOM-PI3B32X384_06 Datasheet
308Kb / 4P
3.3V, 20-Bit, 2-Port NanoSwitch
PI3B3861 PERICOM-PI3B3861_10 Datasheet
735Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com