Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRE1 Datasheet (PDF) - Vishay Siliconix

GRE1 Datasheet PDF - Vishay Siliconix
Part # GRE1
Download  GRE1 Download
File Size   461.88 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power, High Current Grid Resistors, 1 kW and Larger

GRE1 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRE1 Datasheet PDF - Vishay Siliconix

Part # GRE1
Download  GRE1 Click to download

File Size   461.88 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power, High Current Grid Resistors, 1 kW and Larger

GRE1 Datasheet (HTML) - Vishay Siliconix


GRE1 Product details

• GRE1: high power capability to 7.8 kW at 40 °C
• GRE2: high power capability to 24 kW at 40 °C
• Standard indoor and outdoor enclosure options
• All welded construction with double insulation
• Modular or custom designs available
• Multiple terminal taps available




Similar Part No. - GRE1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
GRE-1/2 FESTO-GRE-1/2 Datasheet
106Kb / 1P
Exhaust air flow control valve
GRE-1/2-NPT FESTO-GRE-1/2-NPT Datasheet
107Kb / 1P
Exhaust air flow control valve
GRE-1/4 FESTO-GRE-1/4 Datasheet
106Kb / 1P
Exhaust air flow control valve
GRE-1/4-NPT FESTO-GRE-1/4-NPT Datasheet
106Kb / 1P
Exhaust air flow control valve
GRE-1/8 FESTO-GRE-1/8 Datasheet
108Kb / 1P
Exhaust air flow control valve
More results


Similar Description - GRE1

ManufacturerPart #DatasheetDescription
logo
NEC
LD7126 NEC-LD7126 Datasheet
80Kb / 6P
17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
logo
Token Electronics Indus...
DOE1500W1R3KF TOKEN-DOE1500W1R3KF Datasheet
315Kb / 3P
DOE High Current Power Resistors
logo
Tyco Electronics
SQPW201R0F MACOM-SQPW201R0F Datasheet
255Kb / 3P
High Power Resistors
logo
List of Unclassifed Man...
MCHP03W8F4700T5E ETC2-MCHP03W8F4700T5E Datasheet
303Kb / 6P
High Power Resistors
RLP25FECMR010 ETC-RLP25FECMR010 Datasheet
430Kb / 6P
High Power Current Sensing Resistors RLP Series
RLP25FECR010 ETC-RLP25FECR010 Datasheet
448Kb / 6P
High Power Current Sensing Resistors RLP Series
RLP28FAGR010 ETC-RLP28FAGR010 Datasheet
425Kb / 6P
High Power Current Sensing Resistors RLP28 Series
logo
Pentair plc. All rights...
7000 PENTAIR-7000 Datasheet
309Kb / 2P
INNOVATIVE SOLUTION FOR LARGER TANK SIZE AND HIGH FLOW RATE
logo
Vishay Siliconix
GRE3 VISHAY-GRE3 Datasheet
487Kb / 6P
High Power, High Current Grid Resistors, 6 kW and Larger
03-May-17
NGR VISHAY-NGR Datasheet
209Kb / 4P
Reliable Neutral Grounding Resistors, High Current Grid Resistors
27-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com