Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRE3 Datasheet (PDF) - Vishay Siliconix

GRE3 Datasheet PDF - Vishay Siliconix
Part # GRE3
Download  GRE3 Download
File Size   487.47 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power, High Current Grid Resistors, 6 kW and Larger

GRE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRE3 Datasheet PDF - Vishay Siliconix

Part # GRE3
Download  GRE3 Click to download

File Size   487.47 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power, High Current Grid Resistors, 6 kW and Larger

GRE3 Datasheet (HTML) - Vishay Siliconix


GRE3 Product details

• GRE3 high power capability to 36 kW at 40 °C
• Standard indoor and outdoor enclosure options
• All welded construction with double insulation
• Modular or custom designs available
• Multiple terminal taps available




Similar Part No. - GRE3

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
GRE-1/2 FESTO-GRE-1/2 Datasheet
106Kb / 1P
Exhaust air flow control valve
GRE-1/2-NPT FESTO-GRE-1/2-NPT Datasheet
107Kb / 1P
Exhaust air flow control valve
GRE-1/4 FESTO-GRE-1/4 Datasheet
106Kb / 1P
Exhaust air flow control valve
GRE-1/4-NPT FESTO-GRE-1/4-NPT Datasheet
106Kb / 1P
Exhaust air flow control valve
GRE-1/8 FESTO-GRE-1/8 Datasheet
108Kb / 1P
Exhaust air flow control valve
More results


Similar Description - GRE3

ManufacturerPart #DatasheetDescription
logo
NEC
LD7126 NEC-LD7126 Datasheet
80Kb / 6P
17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7260 NEC-LD7260 Datasheet
62Kb / 6P
6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
logo
Token Electronics Indus...
DOE1500W1R3KF TOKEN-DOE1500W1R3KF Datasheet
315Kb / 3P
DOE High Current Power Resistors
logo
List of Unclassifed Man...
RLP25FECMR010 ETC-RLP25FECMR010 Datasheet
430Kb / 6P
High Power Current Sensing Resistors RLP Series
RLP25FECR010 ETC-RLP25FECR010 Datasheet
448Kb / 6P
High Power Current Sensing Resistors RLP Series
RLP28FAGR010 ETC-RLP28FAGR010 Datasheet
425Kb / 6P
High Power Current Sensing Resistors RLP28 Series
logo
Pentair plc. All rights...
7000 PENTAIR-7000 Datasheet
309Kb / 2P
INNOVATIVE SOLUTION FOR LARGER TANK SIZE AND HIGH FLOW RATE
logo
Vishay Siliconix
GRE1 VISHAY-GRE1 Datasheet
461Kb / 9P
High Power, High Current Grid Resistors, 1 kW and Larger
04-Apr-2019
NGR VISHAY-NGR Datasheet
209Kb / 4P
Reliable Neutral Grounding Resistors, High Current Grid Resistors
27-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com