Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GRE3
Description  High Power, High Current Grid Resistors, 6 kW and Larger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GRE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  GRE3 Datasheet HTML 1Page - Vishay Siliconix GRE3 Datasheet HTML 2Page - Vishay Siliconix GRE3 Datasheet HTML 3Page - Vishay Siliconix GRE3 Datasheet HTML 4Page - Vishay Siliconix GRE3 Datasheet HTML 5Page - Vishay Siliconix GRE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GRE3
www.vishay.com
Vishay Milwaukee
Revision: 03-May-17
3
Document Number: 31882
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Contact factory for any special requests or enclosure requirements: vishaymilwaukeeresistor@vishay.com
(1) Stainless steel material option upon request
GRE3 STANDARD ENCLOSURE OPTIONS AND DIMENSIONS in millimeters (inches)
Indoor (IP20) version shown. Outdoor (IP23) version will have a solid elevated roof instead of the screen top shown for the indoor version.
MODEL
ENCLOSURE
HEIGHT
(NUMBER OF
RESISTOR BANKS)
TOTAL NUMBER OF
ELEMENTS
IN EACH BANK
IP RATING
A
B
C
STANDARD
MATERIAL (1)
GRE3
1
12
20
406 (16)
381 (15)
382 (15)
Mill galvanized
GRE3
1
12
23
406 (16)
381 (15)
406 (16)
Mill galvanized
GRE3
1
16
20
508 (20)
482 (19)
382 (15)
Mill galvanized
GRE3
1
16
23
508 (20)
482 (19)
406 (16)
Mill galvanized
GRE3
1
22
20
673 (26.5)
647 (25.5)
382 (15)
Mill galvanized
GRE3
1
22
23
673 (26.5)
647 (25.5)
406 (16)
Mill galvanized
GRE3
2
12
20
406 (16)
381 (15)
764 (30)
Mill galvanized
GRE3
2
12
23
406 (16)
381 (15)
800 (31.5)
Mill galvanized
GRE3
2
16
20
508 (20)
482 (19)
764 (30)
Mill galvanized
GRE3
2
16
23
508 (20)
482 (19)
800 (31.5)
Mill galvanized
GRE3
2
22
20
673 (26.5)
647 (25.5)
764 (30)
Mill galvanized
GRE3
2
22
23
673 (26.5)
647 (25.5)
800 (31.5)
Mill galvanized
GRE3
3
12
20
406 (16)
381 (15)
1143 (45)
Mill galvanized
GRE3
3
16
20
508 (20)
482 (19)
1143 (45)
Mill galvanized
GRE3
3
22
20
673 (26.5)
647 (25.5)
1143 (45)
Mill galvanized
A
862
(33.93)
25.4
(1.00)
13
(0.51)
B
BOTTOM VIEW
MTG DETAILS
A
BOTTOM VIEW
MOUNTING DETAIL A
SCALE 1:2
C
508
(20.01)
305
(12.01)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com