Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GRE3
Description  High Power, High Current Grid Resistors, 6 kW and Larger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GRE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  GRE3 Datasheet HTML 1Page - Vishay Siliconix GRE3 Datasheet HTML 2Page - Vishay Siliconix GRE3 Datasheet HTML 3Page - Vishay Siliconix GRE3 Datasheet HTML 4Page - Vishay Siliconix GRE3 Datasheet HTML 5Page - Vishay Siliconix GRE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GRE3
www.vishay.com
Vishay Milwaukee
Revision: 03-May-17
2
Document Number: 31882
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The power rating of each bank is directly related to the number of elements in the resistor, this means the length and weight of the resistor
will vary by power rating. Please consult the table above for the relevant length and weight of the grid resistor to be quoted
• Standard resistor banks are highlighted in bold
DIMENSIONS in millimeters (inches)
GRE3 RESISTORS BANK DIMENSIONS
MODEL
POWER RATING
OF RESISTOR
BANK
W
TOTAL NUMBER
OF ELEMENTS
IN EACH BANK
A
OVERALL
LENGTH
B
HOLE
CENTER
MAX.
WEIGHT
kg
GLOBAL PART
NUMBER
GRE3
6000
4
304.8 (12.0)
279.4 (11)
22
GRE3AxxxxxK00N0000
GRE3
9000
6
304.8 (12.0)
279.4 (11)
30
GRE3BxxxxxK00N0000
GRE3
12 000
8
304.8 (12.0)
279.4 (11)
36
GRE3CxxxxxK00N0000
GRE3
15 000
10
406.4 (16.0)
381 (15)
40
GRE3DxxxxxK00N0000
GRE3
18 000
12
406.4 (16.0)
381 (15)
48
GRE3ExxxxxK00N0000
GRE3
21 000
14
508 (20.0)
482 (19)
54
GRE3FxxxxxK00N0000
GRE3
24 000
16
508 (20.0)
482 (19)
60
GRE3GxxxxxK00N0000
GRE3
27 000
18
672 (26.50)
647 (25.5)
68
GRE3HxxxxxK00N0000
GRE3
30 000
20
672 (26.50)
647 (25.5)
75
GRE3JxxxxxK00N0000
GRE3
33 000
22
672 (26.50)
647 (25.5)
82
GRE3KxxxxxK00N0000
GRE3
36 000
24
672 (26.50)
647 (25.5)
90
GRE3LxxxxxK00N0000
Multiple rods depending
on number of elements
and material guage
13 (0.51)
Number of elements
varies from 4 to 24
See tables.
BOTTOM VIEW
MTG DETAIL
A
B
381
(15.00)
FRONT VIEW
305
(12.01)
508
(20.01)
860
(33.86)
25 (1.00)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com