Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRE3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # GRE3
Description  High Power, High Current Grid Resistors, 6 kW and Larger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GRE3 Datasheet(HTML) 5 Page - Vishay Siliconix

  GRE3 Datasheet HTML 1Page - Vishay Siliconix GRE3 Datasheet HTML 2Page - Vishay Siliconix GRE3 Datasheet HTML 3Page - Vishay Siliconix GRE3 Datasheet HTML 4Page - Vishay Siliconix GRE3 Datasheet HTML 5Page - Vishay Siliconix GRE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GRE3
www.vishay.com
Vishay Milwaukee
Revision: 03-May-17
5
Document Number: 31882
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING CURVE
TEMPERATURE RISE OVER AMBIENT
Standard GRE3Jxxxxx 30 000 W grid banks are rated with max. design temperature rise of 375 °C over an ambient.
Continuous Duty Application with Constant Voltage Applied to Resistor
Solid line - GRE3J100R0K00N0000 standard 30 000 W, 100
Ω resistor bank
Dotted line - GRE3JR1000K00N0000 standard 30 000 W, 0.1
Ω resistor bank
Graph shows the peak element temperature is reached between 100 s and 400 s depending on active mass of material used to achieve
the desired resistance. Different rates of heating occur depending on the active mass used in the design.
Pulse Application with Non-Constant Voltage Applied to Resistor
Dashed line - GRE3JR1000K00N0000 standard 30 000 W, 0.1
Ω resistor bank
Graph shows the peak element temperature of about 450 °C over ambient is reached with an average continuous duty temperature
of 375 °C over ambient when a continuous voltage 0.5 MJ energy pulse is applied to the resistor for 5 s once every minute, cycled
continuously. Average temperature at continuous cycling is 375 °C (peaks above and below).
MATERIAL SPECIFICATIONS
Plate element
Stainless steel
Insulators
Ceramica/ alumina / mica
Mounting frame
Mill galvanized steel (stainless steel available upon request)
AMBIENT TEMPERATURE IN °C
120
0
100
80
60
40
20
-20
40
100
160
220
280
340
460
415
0
TIME IN s
500
0
400
300
200
100
50
100
150
200
250
300
350
30 000 W, 0.1
Ω cont. duty
30 000 W, 0.1
Ω pulsed with 1.5 MJ
30 000 W, 100.0
Ω cont. duty



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com