Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GRE3
Description  High Power, High Current Grid Resistors, 6 kW and Larger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GRE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  GRE3 Datasheet HTML 1Page - Vishay Siliconix GRE3 Datasheet HTML 2Page - Vishay Siliconix GRE3 Datasheet HTML 3Page - Vishay Siliconix GRE3 Datasheet HTML 4Page - Vishay Siliconix GRE3 Datasheet HTML 5Page - Vishay Siliconix GRE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GRE3
www.vishay.com
Vishay Milwaukee
Revision: 03-May-17
1
Document Number: 31882
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Power, High Current Grid Resistors,
6 kW and Larger
OVERVIEW
Vishay Milwaukee resistor GRE3 grid offering expands on
the GRE1 and GRE2 resistors allowing for an alternate form
factor and increased power/resistance capabilities. With a
robust all welded construction, Milwaukee resistor grid
resistors are designed using stainless steel resistance
elements to absorb high energy pulses and high power
applications.
CONTACT THE FACTORY FOR CUSTOM
DESIGN AND OPTIONS FOR STANDARD
DESIGN
Options include: custom mounting configurations, custom
IP rated enclosures, element size / shape, power, multiple
resistors in a single enclosure, etc.
For custom designs please include: duty cycle, total power
and resistance and mounting requirements.
FEATURES
• GRE3 high power capability to 36 kW at 40 °C
• Standard indoor and outdoor enclosure options
• All welded construction with double insulation
• Modular or custom designs available
• Multiple terminal taps available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS OF GRID RESISTORS
Dynamic Braking
When an electric motor driven load is being decelerated, the
motor acts as a generator, converting kinetic energy of the
load to electrical energy. The dynamic braking circuit
converts this electrical energy into heat to slow the load,
through the use of dynamic braking resistors. Braking
resistors ensure proper motor operation, allow heavy loads
to stop quickly and protect the drive from damage.
Furthermore, dynamic braking resistors that are improperly
cooled, incorrectly sized, physically damaged or electrically
failed can cause costly unwanted down time
Harmonic Filters
Within a harmonic filter installation the filter resistors are
used to dissipate unwanted harmonic frequencies as heat.
Load Banks
Custom designed resistive load banks allow for load
simulation of many electrical applications for testing
purposes.
Notes
• Listed ratings are for individual resistor banks only. Multiple resistor banks can be combined to achieve resultant power ratings of up to
100 kW+
• Standard resistor banks are highlighted in bold
(1) Temperature coefficient of ± 930 is available upon request and used for some designs where TCR is not a critical factor
(2) xxxxx in global part number represents the resistance, e.g. 1R500 = 1.5
Ω
CONTACT INFORMATION
For design assistance, contact: vishaymilwaukeeresistor@vishay.com or +1-888-616-6666
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
POWER RATING
OF RESISTOR BANK
W
RESISTANCE
RANGE
Ω
TOLERANCE
± %
TEMPERATURE
COEFFICIENT (1)
± ppm/°C
GLOBAL PART
NUMBER (2)
GRE3
6000
0.08 to 40
10
± 365
GRE3AxxxxxK00N0000
GRE3
9000
0.12 to 60
10
± 365
GRE3BxxxxxK00N0000
GRE3
12 000
0.16 to 80
10
± 365
GRE3CxxxxxK00N0000
GRE3
15 000
0.2 to 100
10
± 365
GRE3DxxxxxK00N0000
GRE3
18 000
0.24 to 120
10
± 365
GRE3ExxxxxK00N0000
GRE3
21 000
0.28 to 140
10
± 365
GRE3FxxxxxK00N0000
GRE3
24 000
0.32 to 160
10
± 365
GRE3GxxxxxK00N0000
GRE3
27 000
0.36 to 180
10
± 365
GRE3HxxxxxK00N0000
GRE3
30 000
0.4 to 200
10
± 365
GRE3JxxxxxK00N0000
GRE3
33 000
0.44 to 220
10
± 365
GRE3KxxxxxK00N0000
GRE3
36 000
0.48 to 240
10
± 365
GRE3LxxxxxK00N0000


Similar Part No. - GRE3

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
GRE-1/2 FESTO-GRE-1/2 Datasheet
106Kb / 1P
Exhaust air flow control valve
GRE-1/2-NPT FESTO-GRE-1/2-NPT Datasheet
107Kb / 1P
Exhaust air flow control valve
GRE-1/4 FESTO-GRE-1/4 Datasheet
106Kb / 1P
Exhaust air flow control valve
GRE-1/4-NPT FESTO-GRE-1/4-NPT Datasheet
106Kb / 1P
Exhaust air flow control valve
GRE-1/8 FESTO-GRE-1/8 Datasheet
108Kb / 1P
Exhaust air flow control valve
More results

Similar Description - GRE3

ManufacturerPart #DatasheetDescription
logo
NEC
LD7126 NEC-LD7126 Datasheet
80Kb / 6P
17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7260 NEC-LD7260 Datasheet
62Kb / 6P
6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
logo
Token Electronics Indus...
DOE1500W1R3KF TOKEN-DOE1500W1R3KF Datasheet
315Kb / 3P
DOE High Current Power Resistors
logo
List of Unclassifed Man...
RLP25FECMR010 ETC-RLP25FECMR010 Datasheet
430Kb / 6P
High Power Current Sensing Resistors RLP Series
RLP25FECR010 ETC-RLP25FECR010 Datasheet
448Kb / 6P
High Power Current Sensing Resistors RLP Series
RLP28FAGR010 ETC-RLP28FAGR010 Datasheet
425Kb / 6P
High Power Current Sensing Resistors RLP28 Series
logo
Pentair plc. All rights...
7000 PENTAIR-7000 Datasheet
309Kb / 2P
INNOVATIVE SOLUTION FOR LARGER TANK SIZE AND HIGH FLOW RATE
logo
Vishay Siliconix
GRE1 VISHAY-GRE1 Datasheet
461Kb / 9P
High Power, High Current Grid Resistors, 1 kW and Larger
04-Apr-2019
NGR VISHAY-NGR Datasheet
209Kb / 4P
Reliable Neutral Grounding Resistors, High Current Grid Resistors
27-Feb-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com