Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # GRE3
Description  High Power, High Current Grid Resistors, 6 kW and Larger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GRE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  GRE3 Datasheet HTML 1Page - Vishay Siliconix GRE3 Datasheet HTML 2Page - Vishay Siliconix GRE3 Datasheet HTML 3Page - Vishay Siliconix GRE3 Datasheet HTML 4Page - Vishay Siliconix GRE3 Datasheet HTML 5Page - Vishay Siliconix GRE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GRE3
www.vishay.com
Vishay Milwaukee
Revision: 03-May-17
4
Document Number: 31882
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Power rating
W
6K to 36K per resistor load bank (up to 100K+ for assemblies)
Resistance range
Ω
GRE3 with ± 365 TCR: 0.08 to 240
GRE3 with ± 930 TCR: 0.06 to 160
Resistance tolerance
%
10
TCR
ppm/°C
± 365, ± 930
Operating temperature
°C
-55 to +415
Temperature rise
°C
375 above an ambient of 40 °C
Maximum altitude
f.a.s.l. (m.a.s.l.)
Derate above 4921 f.a.s.l. (1500 m.a.s.l.)
Short-term overload (surge)
25 x, 15 x, or 10 x rated power for 5 s (varies by wattage)
Maximum working voltage
V
(
P x R)1/2
Insulation resistance
Ω
1M
Dielectric voltage
VRMS
2500 for 60 s
Creepage
inch (mm)
1.18 (30) typical
Inductance
μH
GRE3: 45 to 225
(varies by wattage and resistance)
Electrical or mechanical customization
Consult factory: vishaymilwaukeeresistor@vishay.com
APPLICATION FORMS AND TECHNICAL INFORMATION
APPLICATION FORMS
WEB LINK
Harmonic Filter Resistors
www.vishay.com/doc?49889
Load Bank Resistors
www.vishay.com/doc?49893
Dynamic Braking Resistors
www.vishay.com/doc?49887
Neutral Grounding Resistors
www.vishay.com/doc?49904
APPLICATION NOTES
WEB LINK
Determining Nominal Resistance
www.vishay.com/doc?21044
Understanding Load Steps and Resolution
www.vishay.com/doc?21045
Understanding Tied Live Designs
www.vishay.com/doc?21043
OTHER RESISTORS
WEB LINK
Wirewound Resistors Guide
www.vishay.com/doc?49654
GLOBAL PART NUMBER INFORMATION
Resistor only: GRE3J2R128K00N0000 (GRE3 30 000 W 2.128
Ω 10 % IP00)
Resistor with two high IP20 enclosure: GRE3J2R128K2020000 (GRE3 60 000 W 2.128
Ω 10 % 2-IP20)
Custom resistor with enclosure: GRE3J2R128K2021111 (GRE3-1111 60 000 W 2.128
Ω 10 % 2-IP20)
G
R
E
3
A
2
R
128
K
0
0
N
0
000
GLOBAL
MODEL
(5 digits)
RESISTANCE
VALUE
(5 digits)
TOLERANCE
(1 digit)
ENCLOSURE
TYPE
(2 digits)
ENCLOSURE
HEIGHT
(1 digit)
SPECIAL
(4 digits)
GRE3A to GRE3L
per Electrical Table
on page 2
2R128 = 2.128
Ω
R = decimal
resistance value is
for each individual
resistor bank.
K = ± 10 %
Tolerance value is
for each individual
resistor bank.
IPxx = IP rating
00 = IP00 / NEMA 0
(Open)
20 = IP20 / NEMA 1
(Screen)
23 = IP23 / NEMA 3
(Outdoor)
N = no enclosure
(standard)
See GRE1 and GRE2
Enclosure
Dimensions table
for number.
Assumes all resistor
banks to be identical
per first 11 digits of
part number and all
resistors will be
customer wired as
required.
0000 = standard
Engineering
controlled internal
document number



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com