Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2130IDT Datasheet (PDF) - Wolfson Microelectronics plc

WM2130IDT Datasheet PDF - Wolfson Microelectronics plc
Part # WM2130IDT
Download  WM2130IDT Download
File Size   186.91 Kbytes
Page   20 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER

WM2130IDT Datasheet (PDF)

Go To PDF Page Download Datasheet
WM2130IDT Datasheet PDF - Wolfson Microelectronics plc

Part # WM2130IDT
Download  WM2130IDT Click to download

File Size   186.91 Kbytes
Page   20 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER

WM2130IDT Datasheet (HTML) - Wolfson Microelectronics plc


WM2130IDT Product details

DESCRIPTION
The WM2130 is a high speed 10-bit analogue-to-digital converter and operates with independent analogue and digital supplies of 3V to 5.5V. This device includes a high bandwidth sample and hold and internal voltage references. Conversion is controlled by a single clock input.

FEATURES
• 10-bit resolution ADC
• 30MSPS conversion rate
• Wide input bandwidth (150 MHz full-power bandwidth) sample and hold input amplifier
• Independent analogue and digital supplies
• Adjustable internal voltage references
• Out of range indicator
• Low power: 87mW typical at 3V supplies
• Powerdown mode to 3mW typical
• 28-pin TSSOP package

APPLICATIONS
• Set Top Box (STB)
• IF and Baseband Digitisation
• Medical Imaging
• High speed data acquisition




Similar Part No. - WM2130IDT

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2148 WOLFSON-WM2148 Datasheet
255Kb / 14P
14-bit 8MSPS Analogue-To-Digital Converter
WM2148CFT/V WOLFSON-WM2148CFT/V Datasheet
255Kb / 14P
14-bit 8MSPS Analogue-To-Digital Converter
WM2148IFT/V WOLFSON-WM2148IFT/V Datasheet
255Kb / 14P
14-bit 8MSPS Analogue-To-Digital Converter
WM2152 WOLFSON-WM2152 Datasheet
113Kb / 7P
12-bit, 30MSOS ADC
WM2152CDT WOLFSON-WM2152CDT Datasheet
113Kb / 7P
12-bit, 30MSOS ADC
More results


Similar Description - WM2130IDT

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2148 WOLFSON-WM2148 Datasheet
255Kb / 14P
14-bit 8MSPS Analogue-To-Digital Converter
WM5615 WOLFSON-WM5615 Datasheet
117Kb / 12P
10-Bit Digital-to-Analogue Converter
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
6-Bit, 30MSPS, Flash A/D Converter
September 9, 2005
logo
List of Unclassifed Man...
IC3410 ETC1-IC3410 Datasheet
196Kb / 6P
10-bit digital to analogue converter IC 3410
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
10-Bit, 275MSPS Analog-to-Digital Converter
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
10-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
THS1030 TI1-THS1030_13 Datasheet
1Mb / 39P
3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
10-Bit Analog-to-Digital Converter
logo
Cynergy3 Co
SC-FREQCON CYNERGY3-SC-FREQCON Datasheet
163Kb / 1P
Frequency To Analogue Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com